Electronic Components Datasheet Search
  English  ▼

X  

FDC6330L Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDC6330L
Description  Integrated Load Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDC6330L Datasheet(HTML) 2 Page - ON Semiconductor

  FDC6330L Datasheet HTML 1Page - ON Semiconductor FDC6330L Datasheet HTML 2Page - ON Semiconductor FDC6330L Datasheet HTML 3Page - ON Semiconductor FDC6330L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
TA=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
OFF Characteristics
IFL
Leakage Current
VIN = 20 V, VON/OFF = 0 V
1
µA
ON Characteristics
(Note 3)
VIN = 12 V, VON/OFF = 3.3 V, IL = 2.5 A
0.2
V
VDROP
Conduction Voltage
VIN = 5 V, VON/OFF = 3.3 V, IL = 1.6 A
0.2
V
R(ON)
Q2 - Static On-Resistance
VGS = -12 V, ID = -2.3 A
VGS = -5 V, ID = -1.9 A
0.054
0.081
0.08
0.125
Ω
VDROP = 0.2 V, VIN = 12 V, VON/OFF = 3.3 V
2.5
IL
Load Current
VDROP = 0.2 V, VIN = 5 V, VON/OFF = 3.3 V
1.6
A
Notes:
1. Range of V
in
can be up to 30V, but R
1
and R
2
must be scaled such that V
GS
of Q2 does not exceed 20V.
2. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting
surface of the drain pins. RθJC is guaranteed by design while RθJA is determined by the user’s board design.
3. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDC6330L Load Switch Application
External Component Recommendation:
For applications where Co
≤ 1µF.
For slew rate control, select R2 in the range of 1k - 4.7k
Ω .
For additional in-rush current control,C1
≤ 1000pF can be added.
Select R1 so that the R1/R2 ratio ranges from 10 - 100. R1 is required to turn Q2 off.
www.onsemi.com
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com