Electronic Components Datasheet Search
  English  ▼

X  

FDC6331L Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDC6331L
Description  Integrated Load Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDC6331L Datasheet(HTML) 3 Page - ON Semiconductor

  FDC6331L Datasheet HTML 1Page - ON Semiconductor FDC6331L Datasheet HTML 2Page - ON Semiconductor FDC6331L Datasheet HTML 3Page - ON Semiconductor FDC6331L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
01234
56
I
L,
(A)
T
J = 25
OC
T
J
= 125OC
V
IN
= 1.8V
V
ON/OFF = 1.5V -8V
PW = 300us, D < 2%
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
01234
56
I
L,
(A)
T
J = 25
OC
T
J
= 125 OC
V
IN
= 2.5V
V
ON/OFF = 1.5V -8V
PW = 300us, D < 2%
Figure 1. Conduction Voltage Drop
Variation with Load Current.
Figure 2. Conduction Voltage Drop
Variation with Load Current.
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
01234
56
IL, (A)
V
IN = 4.5V
V
ON/OFF
= 1.5V -8V
PW = 300us, D < 2%
T
J
= 125 OC
T
J = 25
OC
0
0.025
0.05
0.075
0.1
0.125
0.15
123
45
-VGS , GATE TO SOURCE VOLTAGE (V)
TJ = 25
OC
T J = 125
OC
IL = 1A
VON/OFF = 1.5V -8V
PW = 300us, D < 2%
Figure 3. Conduction Voltage Drop
Variation with Load Current.
Figure 4. On-Resistance Variation
With Input Voltage
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
R JA(t) = r(t) + R JA
R JA = 156 °C/W
TJ - TA = P * RJA(t)
Duty Cycle, D = t1/ t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Q2
Figure 5. Transient Thermal Response Curve.
Thermal characterization performed on the conditions described in Note 2.
Transient thermal response will change depends on the circuit board design
.
www.onsemi.com
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com