Electronic Components Datasheet Search
  English  ▼

X  

FDY6342L Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDY6342L
Description  Integrated Load Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDY6342L Datasheet(HTML) 2 Page - ON Semiconductor

  FDY6342L Datasheet HTML 1Page - ON Semiconductor FDY6342L Datasheet HTML 2Page - ON Semiconductor FDY6342L Datasheet HTML 3Page - ON Semiconductor FDY6342L Datasheet HTML 4Page - ON Semiconductor FDY6342L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
©2008 Fairchild Semiconductor Corporation
FDY6342L Rev.B2
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics (note 2)
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVIN
VIN Breakdown Voltage
ID = –250 μA, VON/OFF = 0 V
8
V
ILoad
Zero Gate Voltage Drain Current
VIN = –6.4 V, VON/OFF = 0 V
–1
μA
IFL
Leakage Current, Forward
VIN = 8 V, VON/OFF = 0 V
10
μA
IRL
Leakage Current, Reverse
VIN = –8 V, VON/OFF = 0 V
–10
μA
VON/OFF(th)
Gate Threshold Voltage
VIN = VON/OFF, ID = –250 μA
0.65
0.85
1.5
V
rDS(on)
Static Drain to Source On Resistance (Q2)
VIN = 4.5 V, ID = –0.83 A
0.28
0.5
Ω
VIN = 2.5 V, ID = –0.70 A
0.35
0.7
VIN = 1.8 V, ID = –0.43 A
0.45
1.2
VIN = 1.5 V, ID = –0.36 A
0.57
1.8
Static Drain to Source On Resistance (Q1)
VIN = 4.5 V, ID = 0.4 A
2.9
4.0
Ω
VIN = 2.7 V, ID = 0.2 A
3.5
5.0
IS
Maximum Continuous Drain to Source Diode Forward Current
–0.25
A
VSD
Source to Drain Diode Forward Voltage
VON/OFF = 0 V, IS = –0.25 A (Note 2)
–0.8
–1.2
V
NOTES:
1. RθJA is determined with the device mounted on a 1 in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθJA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
FDY6342L Load Switch Application circuit
External Component Recommendation:
For additional in-rush current control, R2 and C1 can be added. For more information, see application note AN1030
IN
C1
Q1
OUT
Q2
R1
R2
ON/OFF
LOAD
a)200 oC/W when mounted on
a 1 in2 pad of 2 oz copper.
b)280 oC/W when mounted on a
minimum pad of 2 oz copper.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com