Electronic Components Datasheet Search
  English  ▼

X  

FPF1007 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FPF1007
Description  Advanced Load Products
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1007 Datasheet(HTML) 1 Page - ON Semiconductor

  FPF1007 Datasheet HTML 1Page - ON Semiconductor FPF1007 Datasheet HTML 2Page - ON Semiconductor FPF1007 Datasheet HTML 3Page - ON Semiconductor FPF1007 Datasheet HTML 4Page - ON Semiconductor FPF1007 Datasheet HTML 5Page - ON Semiconductor FPF1007 Datasheet HTML 6Page - ON Semiconductor FPF1007 Datasheet HTML 7Page - ON Semiconductor FPF1007 Datasheet HTML 8Page - ON Semiconductor FPF1007 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Publication Order Number:
FPF1007/D
© 2008
Semiconductor Components Industries, LLC.
October-2017, Rev. 2
FPF1007-FPF1009
IntelliMAX™ Advanced Load Products
Features
 1.2 to 5.5 V Input Voltage Range
 Typical R
ON = 30 mΩ at VIN = 5.5 V
 Typical R
ON = 40 mΩ at VIN = 3.3 V
 Fixed Three Different Turn-on Rise Time 10 µs / 80 µs / 1 ms
 Low < 10 µA at V
IN = 3.3 V Quiescent Current
 Internal ON Pin Pull Down
 Output Discharge Function
 ESD Protection above 8000 V HBM and 2000 V CDM
 RoHS Compliant
Applications
 PDAs
 Cell Phones
 GPS Devices
 MP3 Players
 Digital Cameras
 Peripheral Ports
 Hot-Swap Supplies
 Notebook Computers
General Description
The FPF1007/8/9 are low RDS P-Channel MOSFET load
switches offered in a selection of 10 µs, 80 µs, and 1 ms slew
rate turn-on options for transient / in-rush current control. To
support trends in mobile application requirements, the minimum
operating input voltage has been reduced down to 1.2 V, the
input current leakage has been minimized to extend battery life,
and the ESD-protection has been designed to withstand a
minimum of 8 kV (HBM) and 2 kV (CDM).
The switch is controlled by an active-high logic input (ON pin),
allowing direct interface with a low-voltage control signal. An
internal ON pin pull-down resistor protects against unintentional
device turn-on in the initial state. An on-chip pull-down resistor
on the output is enabled when the switch is turned-off and
provides quick, robust discharge of the output load.
Ordering Information
Part
Switch RON at 5.5 V
[Typ.]
Rise Time
[Typ.]
Output Discharge
[Typ.]
ON Pin
Activity
FPF1007
30 m
Ω, PMOS
10 µs
60
Ω
Active HIGH
FPF1008
30 m
Ω, PMOS
80 µs
60
Ω
Active HIGH
FPF1009
30 m
Ω, PMOS
1 ms
60
Ω
Active HIGH
BOTTOM
TOP
Pin 1


Similar Part No. - FPF1007

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1007 FAIRCHILD-FPF1007 Datasheet
1Mb / 11P
IntelliMAX??Advanced Load Products
FPF1007 FAIRCHILD-FPF1007_12 Datasheet
1Mb / 12P
IntelliMAX??Advanced Load Products
More results

Similar Description - FPF1007

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1005 FAIRCHILD-FPF1005 Datasheet
279Kb / 9P
IntelliMAXTM Advanced Load Management Products
FPF1005_0612 FAIRCHILD-FPF1005_0612 Datasheet
361Kb / 9P
IntelliMAXTM Advanced Load Management Products
FPF1007 FAIRCHILD-FPF1007 Datasheet
1Mb / 11P
IntelliMAX??Advanced Load Products
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
IntelliMAX??Advanced Load Management Products
FPF1007 FAIRCHILD-FPF1007_12 Datasheet
1Mb / 12P
IntelliMAX??Advanced Load Products
logo
ON Semiconductor
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
Advanced Load Management Products
August 2012 Rev. 1.0.6
FPF1005 ONSEMI-FPF1005 Datasheet
622Kb / 9P
Advanced Load Management Products
October-2017, Rev. 7
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
Advanced Load Management Products
October 2008 Rev. H
FPF2116 ONSEMI-FPF2116 Datasheet
380Kb / 14P
Advanced Load Management Products
August 2008 Rev. D
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
Advanced Load Management Products
October 2008 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com