Electronic Components Datasheet Search
  English  ▼

X  

AOC2804B Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOC2804B
Description  20V Common-Drain Dual N-Channel AlphaMOS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2804B Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOC2804B Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2804B Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2804B Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2804B Datasheet HTML 4Page - Alpha & Omega Semiconductors AOC2804B Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOC2804B
Symbol
Min
Typ
Max
Units
BVSSS
20
V
1
TJ=55°C
5
IGSS
±10
µA
VGS(th)
Gate Threshold Voltage
0.5
0.9
1.3
V
20
28
34
TJ=125°C
27
38.5
47
22
30.5
38
mΩ
23
32
40
mΩ
25
35
45
mΩ
30
42.5
56
mΩ
gFS
20
S
VFSS
0.72
1
V
Rg
2
KΩ
Qg
9.5
nC
tD(on)
0.85
µs
tr
2.2
µs
tD(off)
2.0
µs
tf
4.3
µs
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
SWITCHING PARAMETERS
VSS=0V, VGS=±10V
Test Circuit 2
Gate leakage current
RSS(ON)
VSS=VGS, IS=250µA
Test Circuit 3
VGS=4.5V, IS=3A
Test Circuit 4
mΩ
VGS=4.0V, IS=3A
Test Circuit 4
DYNAMIC PARAMETERS
Gate resistance
f=1MHz
Turn-Off Fall Time
VG1S1=4.5V, VSS=10V, RL=3.3Ω,
RGEN=3Ω
Test Circuit8
Forward Source to Source Voltage
VGS=3.7V, IS=3A
Test Circuit 4
Turn-On Rise Time
Forward Transconductance
IS=1A,VGS=0V
Test Circuit 5
VSS=5V, IS=3A
Test Circuit 3
Turn-On DelayTime
Turn-Off DelayTime
Static Source to Source On-Resistance
VGS=3.1V, IS=3A
Test Circuit 4
VGS=2.5V, IS=3A
Test Circuit 4
VG1S1=4.5V, VSS=10V, IS=3A
Total Gate Charge
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
ISSS
µA
Zero Gate Voltage Source Current
Source-Source Breakdown Voltage
IS=250µA, VGS=0V
Test Circuit 6
VSS=20V, VGS=0V
Test Circuit 1
Rev.1.0: July 2015
www.aosmd.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com