Electronic Components Datasheet Search
  English  ▼

X  

AOC3868 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOC3868
Description  12V Common-Drain Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC3868 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOC3868 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC3868 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC3868 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC3868 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOC3868 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOC3868
Symbol
Min
Typ
Max
Units
BVSSS
12
V
1
TJ=55°C
5
IGSS
±10
µA
VGS(th)
Gate Threshold Voltage
0.4
0.72
1.1
V
2.9
4.15
5.0
TJ=125°C
3.8
5.5
6.6
3.0
4.25
5.3
mΩ
3.1
4.35
5.5
mΩ
3.2
4.6
6.0
mΩ
3.5
5.1
7.0
mΩ
gFS
50
S
VFSS
0.59
1
V
Rg
1.2
KΩ
Qg
35
50
nC
tD(on)
1.2
µs
tr
3
µs
tD(off)
5.5
µs
tf
9.5
µs
APPLICATIONS OR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT
DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
ISSS
µA
Zero Gate Voltage Source Current
Source-Source Breakdown Voltage
IS=250µA, VGS=0V
Test Circuit 6
VSS=12V, VGS=0V
Test Circuit 1
Turn-Off Fall Time
VG1S1=4.5V, VSS=6V, RL=1.5Ω,
RGEN=3Ω
Test Circuit8
Forward Source to Source Voltage
VGS=3.7V, IS=4A
Test Circuit 4
Turn-On Rise Time
Forward Transconductance
IS=1A,VGS=0V
Test Circuit 5
VSS=5V, IS=4A
Test Circuit 3
Turn-On DelayTime
Turn-Off DelayTime
Static Source to Source On-Resistance
VGS=3.1V, IS=4A
Test Circuit 4
VGS=2.5V, IS=4A
Test Circuit 4
VG1S1=4.5V, VSS=6V, IS=4A
Total Gate Charge
SWITCHING PARAMETERS
VSS=0V, VGS=±8V
Test Circuit 2
Gate leakage current
RSS(ON)
VSS=VGS, IS=250µA
Test Circuit 3
VGS=4.5V, IS=4A
Test Circuit 4
mΩ
VGS=4.0V, IS=4A
Test Circuit 4
DYNAMIC PARAMETERS
Gate resistance
f=1MHz
Rev.1.0: December 2016
www.aosmd.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com