Electronic Components Datasheet Search
  English  ▼

X  

AOD512 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD512
Description  30V N-Channel AlphaMOS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD512 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD512 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD512 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD512 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD512 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD512 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD512 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOD512
30V N-Channel AlphaMOS
General Description
Product Summary
VDS
ID (at VGS=10V)
70A
RDS(ON) (at VGS=10V)
< 2.4m
Ω
RDS(ON) (at VGS = 4.5V)
< 3.2m
Ω
Application
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
V
±20
Gate-Source Voltage
Drain-Source Voltage
30
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
30V
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(on) at 4.5VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial
G
D
S
TO252
DPAK
TopView
Bottom View
G
G
D
D
S
S
D
VGS
IDM
IAS
EAS
VDS Spike
VSPIKE
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
100ns
36
V
Maximum Junction-to-Ambient
A
°C/W
RθJA
16
41
20
Units
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
Parameter
Typ
V
±20
Gate-Source Voltage
Max
TA=70°C
ID
70
55
TC=25°C
TC=100°C
280
Pulsed Drain Current
C
Continuous Drain
Current
G
mJ
Avalanche Current
C
22
Continuous Drain
Current
151
27
A
55
Avalanche energy L=0.1mH
C
A
TA=25°C
IDSM
A
W
Power Dissipation
A
PDSM
W
TA=70°C
83
1.6
TA=25°C
TC=25°C
2.5
33
TC=100°C
Power Dissipation
B
PD
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.8
50
1.5
G
D
S
TO252
DPAK
TopView
Bottom View
G
G
D
D
S
S
D
Rev 0: Nov 2011
www.aosmd.com
Page 1 of 6


Similar Part No. - AOD512

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD510 AOSMD-AOD510 Datasheet
316Kb / 6P
30V N-Channel AlphaMOS
logo
Inchange Semiconductor ...
AOD510 ISC-AOD510 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD510 DOINGTER-AOD510 Datasheet
1Mb / 7P
N-Channel MOSFET uses advanced SGT technology
logo
TECH PUBLIC Electronics...
AOD510 TECHPUBLIC-AOD510 Datasheet
941Kb / 3P
N-Channel Enhancement Mode Power MOSFET
logo
Alpha & Omega Semicondu...
AOD514 AOSMD-AOD514 Datasheet
257Kb / 6P
30V N-Channel AlphaMOS
More results

Similar Description - AOD512

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
30V N-Channel AlphaMOS
AON6360 AOSMD-AON6360 Datasheet
273Kb / 6P
30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com