Electronic Components Datasheet Search
  English  ▼

X  

XF0874P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0874P
Description  TERMINAL NUMBERS FOR REF ONLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0874P Datasheet(HTML) 1 Page - E-SWITCH

  XF0874P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
L16PLT10HWHTBLU
1/15/2014
XF0874P
A
EBP
1
1
RECOMMENDED PANEL MOUNTING
PARTS LIST
DESCRIPTION
PART NUMBER
QTY
ITEM
L16PLT10
F040001
1
1
50-002-11 TRANSPARENT FLAT BLUE LENS
F050211
1
2
50-004-31 6V LED (WHITE)
F050431
1
3
L
b(+)
a
CIRCUIT
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. OPERATING TEMP: -25~C to +55~C
5. STORAGE TEMP: -40~C TO +85~C
6. LAMP VOLTAGE: 6VDC LED
7.
DENOTES CRITICAL PARAMETER.
8. 2002/95/EC (ROHS) COMPLIANT
24.00 MIN
[.945 in]
18.00 MIN
[.709 in]
16.00
n
- .00
.30
+
.630 - .000
.012
+
in
[
]
A
21351
RELEASED FOR PRODUCTION
1/15/14
EBP
10.40
[.409 in]
n2.00
[.079 in]
2.50
[.098 in]
27.4
[1.08 in]
27.4
[1.08 in]
8.0
[.32 in]
7.20
[.283 in]
3.0
[.12 in]
18.00
[.709 in]
24.00
[.945 in]
.50
[.020 in]
1.80
[.071 in]
1.00
[.039 in]
2
1
3
10.40
[.409 in]
2.75
[.108 in]
1.50
[.059 in]
1.96
[.077 in]


Similar Part No. - XF0874P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0870P E-SWITCH-XF0870P Datasheet
152Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0871P E-SWITCH-XF0871P Datasheet
128Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0872P E-SWITCH-XF0872P Datasheet
128Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0873P E-SWITCH-XF0873P Datasheet
128Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0875P E-SWITCH-XF0875P Datasheet
144Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - XF0874P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T0SS3R5 E-SWITCH-52-PV7F2T0SS3R5 Datasheet
162Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3G1M03 E-SWITCH-52-PV7F2Y0SS3G1M03 Datasheet
177Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3K1M03 E-SWITCH-52-PV7F2Y0SS3K1M03 Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3N5 E-SWITCH-52-PV7F2Y0SS3N5 Datasheet
156Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV8F2Y0SS301 E-SWITCH-52-PV8F2Y0SS301 Datasheet
234Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV9F2U0SS335 E-SWITCH-52-PV9F2U0SS335 Datasheet
165Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F2B0SS3R1 E-SWITCH-52-PVA3F2B0SS3R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F230113R1 E-SWITCH-52-PVA3F230113R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940090 E-SWITCH-T940090 Datasheet
181Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940094 E-SWITCH-T940094 Datasheet
176Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com