Electronic Components Datasheet Search
  English  ▼

X  

MCSO1HZ Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO1HZ
Description  3.3V supply voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO1HZ Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO1HZ Datasheet HTML 1Page - Golledge Electronics Ltd MCSO1HZ Datasheet HTML 2Page - Golledge Electronics Ltd MCSO1HZ Datasheet HTML 3Page - Golledge Electronics Ltd MCSO1HZ Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCSO1HZ 1/4
v1.0
MCSO1HZ
MCSO1HZ
1.8V High Frequency CMOS
1.8V High Frequency CMOS
Oscillator with Military -55+125°C
Oscillator with Military -55+125°C
Temperature Range
Temperature Range
Military temperature range -55+125°C option
1.8V supply voltage
Excellent shock & vibration resistance
Enable / disable tristate option
Optional tinned pads (Ag/Cu/Zn)
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Frequency stability
Any
±100ppm
±50ppm
T
Frequency stability
tighter stabilities on request
Operating temperature range
Any
0 to +70°C
A
-40 to +85°C
B
-55 to +125°C
C
Enable / disable function
Any
None (pad 1 NC)
Tristate (control via pad 1)
E
Terminations
Any
Gold plated pads
Tinned pads (Ag/Cu/Zn)
T
*


Similar Part No. - MCSO1HZ

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO1H MICROCRYSTAL-MCSO1H Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
logo
Golledge Electronics Lt...
MCSO1H GOLLEDGE-MCSO1H Datasheet
142Kb / 1P
CMOS Oscillator
MCSO1H GOLLEDGE-MCSO1H Datasheet
566Kb / 4P
5.0V supply voltage
MCSO1H/C GOLLEDGE-MCSO1H/C Datasheet
60Kb / 1P
5V CMOS Oscillator Mil Temp
MCSO1HV GOLLEDGE-MCSO1HV Datasheet
60Kb / 1P
3.3V CMOS Oscillator Mil Temp
More results

Similar Description - MCSO1HZ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2066 TOSHIBA-TLP2066 Datasheet
192Kb / 6P
High Speed Interface 3.3V Supply Voltage
logo
List of Unclassifed Man...
SCO-060 ETC2-SCO-060 Datasheet
86Kb / 2P
5.0V / 3.3V supply voltage
logo
Sanyo Semicon Device
LV59033M SANYO-LV59033M_10 Datasheet
302Kb / 7P
3.3V Constant-Voltage Power Supply IC
logo
Elite Semiconductor Mem...
F50L1G41A-2Y ESMT-F50L1G41A-2Y Datasheet
695Kb / 36P
Voltage Supply: 3.3V (2.7V~3.6V)
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
Voltage Supply: 3.3V (2.7V~3.6V)
F59L1G81MA-2Y ESMT-F59L1G81MA-2Y Datasheet
1Mb / 44P
Voltage Supply: 3.3V (2.7V~3.6V)
F59L2G81A ESMT-F59L2G81A Datasheet
1Mb / 55P
Voltage Supply: 3.3V (2.7V ~ 3.6V)
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
Voltage Supply: 3.3V (2.7V ~ 3.6V)
logo
International Rectifier
IR3599 IRF-IR3599_15 Datasheet
729Kb / 18P
3.3V supply voltage
logo
Golledge Electronics Lt...
MCSO1V GOLLEDGE-MCSO1V Datasheet
570Kb / 4P
3.3V supply voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com