Electronic Components Datasheet Search
  English  ▼

X  

SA25C020LEMLFF Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SA25C020LEMLFF
Description  2Mb EEPROM with 25MHz SPI Bus Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA25C020LEMLFF Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SA25C020LEMLFF Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 11Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 12Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 13Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 14Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 15Page - List of Unclassifed Manufacturers SA25C020LEMLFF Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
SA25C020 Advanced Information
SAIFUN
12
0.7Vcc
0.2Vcc
0.8Vcc
0.3Vcc
Input Levels
Input and Output
Timing Reference Levels
Figure 6. AC Measurements I/O Waveform
Table 4. AC Measurements
Symbol
Parameter
Min
Max
Unit
CL
Load Capacitance
30
PF
Input Rise and Fall Times
5
ns
Input Pulse Voltage
0.2 VCC to 0.8 VCC
V
Input and Output Timing
Reference Voltages
0.3 VCC to 0.7 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com