Electronic Components Datasheet Search
  English  ▼

X  

SC2612 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2612
Description  600kHz/200kHz Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2612 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2612 Datasheet HTML 1Page - Semtech Corporation SC2612 Datasheet HTML 2Page - Semtech Corporation SC2612 Datasheet HTML 3Page - Semtech Corporation SC2612 Datasheet HTML 4Page - Semtech Corporation SC2612 Datasheet HTML 5Page - Semtech Corporation SC2612 Datasheet HTML 6Page - Semtech Corporation SC2612 Datasheet HTML 7Page - Semtech Corporation SC2612 Datasheet HTML 8Page - Semtech Corporation SC2612 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2612A/C
Notes:
(1) See Gate Resistor selection recommendations
(2) 1 square inch of FR4, double sided, 1oz. minimum copper weight.
Electrical Characteristics
Unless specified: V
CC = 3V to 12V; VFB = VO; BST = Vcc+5V; TA = 0 to 70°C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
if
il
p
m
A
r
o
r
r
E
gm
8
.
0S
m
n
i
a
G
r
e
if
il
p
m
A
r
o
r
r
EA
A
E
R
P
M
O
C
n
e
p
o
=5
4B
d
t
n
e
r
r
u
C
k
n
i
S
/
e
c
r
u
o
S
r
e
if
il
p
m
A
r
o
r
r
E
0
6
±A
µ
n
i
a
G
r
o
t
a
l
u
d
o
MA
M
V
C
C
V
5
=9
1B
d
e
m
i
T
d
a
e
D
0
5s
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com