Electronic Components Datasheet Search
  English  ▼

X  

B360G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # B360G
Description  Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

B360G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  B360G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd B360G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 490 -
SB305G THRU SB3100G
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
3.0 Amperes
Features
a UL Recognized File # E-96005
a Glass passivated junction
a Surge overload rating 60 amperes peak
a Low forward voltage drop
a High temperature soldering guaranteed:
250°C / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs. ( 2.3 Kg ) tension
a Small size, simple installation
a Leads solderable per MIL-STD-202,
Method 208
SB-3
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SB
305G
SB
310G
SB
320G
SB
340G
SB
360G
SB
380G
SB
3100G
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA = 50°C
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
60
A
Maximum Instantaneous Forward Voltage
@ 1.5A
1.0
V
Maximum DC Reverse Current @ TA=25°C
at Rated DC Blocking Voltage @ TA=125°C
10
500
uA
uA
Operating Temperature Range TJ
-55 to +150
°C
Storage Temperature Range TSTG
-55 to +150
°C


Similar Part No. - B360G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B360 DIODES-B360 Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Fuji Electric
B360 FUJI-B360 Datasheet
665Kb / 1P
3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B360 WEITRON-B360 Datasheet
181Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B360 DIODES-B360 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
logo
Galaxy Semi-Conductor H...
B360 BILIN-B360 Datasheet
92Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B360G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC300G JGD-KBPC300G Datasheet
121Kb / 2P
SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBP301G ETC-KBP301G Datasheet
116Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS20P01G TSC-TS20P01G Datasheet
50Kb / 2P
Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G Datasheet
53Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G_1 Datasheet
215Kb / 2P
Single Phase 3.0 AMPS Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBP3005 YANGJIE-KBP3005 Datasheet
270Kb / 2P
SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBP301G TSC-KBP301G_08 Datasheet
163Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
UR3KB TSC-UR3KB Datasheet
140Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
UR3KB60 TSC-UR3KB60 Datasheet
583Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
D3UB05 KINGTRONICS-D3UB05_15 Datasheet
375Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com