Electronic Components Datasheet Search
  English  ▼

X  

SCM5B33 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SCM5B33
Description  Isolated True RMS Input Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SCM5B33 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SCM5B33 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCM5B33 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATAFORTH
A Burr-Brown Company
®
49
Call 800-444-7644
For Information and Assistance
Input
Signal Range
100mV to 300V rms, 0 to 5A rms
Standard Frequency Range
45Hz to 1000Hz
Extended Frequency Range
1kHz to 20kHz
Impedance
1 M
Ω ±1% shunted by 100pF (-01 thru -05),
0.10
Ω (-06), 0.025Ω (-07)
Coupling
AC
Protection(1)
Continuous (-01 thru -05)
300V rms
Continuous (-06 thru -07)
10A rms
Transient (-01 thru -05)
ANSI/IEEE C37.90.1-1989
Transient (-06 thru -07)
See note 2
Output
Signal Range
0-5V or 0-10V or 0-1mA or 0-20mA or 4-20mA
Current Limit
1.4mA (0-1mA models), 30mA (0/4-20mA models),
8mA (0-5, 0-10V models)
Voltage Limit
±18V (0-5, 0-10V models)
Resistance
50
Ω (0-5, 0-10V models)
Protection
Continuous Short to Ground
Ripple and Noise (100Khz)
0.025% Span rms
Accuracy(3)(4)
Sinusoid
50/60 Hz
±0.25% Span
45Hz to 1kHz
±0.25% Reading Additional Factor
1kHz to 20kHz
±0.75% Reading Additional Factor
Non-Sinusoid
Crest Factor = 1 to 2
±0.05% Reading Additional Error
Crest Factor = 2 to 3
±0.15% Reading Additional Error
Crest Factor = 3 to 4
±0.30% Reading Additional Error
Crest Factor = 4 to 5
±0.40% Reading Additional Error
Vs. Temperature
±100ppm/°C
Isolation (Common Mode)
Input to Output, Input to Power
Continuous
1500Vrms max
Transient
ANSI/IEEE C37.90.1-1989
Output to Power
Continuous
50Vdc max
Rejection (50-60Hz Common Mode)
100dB
Response Time (0 to 99%)
<400ms
Output Enable Control
Selection Time
6.0
µS @ C
LOAD = 0 to 2000pF
Voltage
Max Logic “0”
+0.8V
Min / Max Logic “1”
+2.4V / +36V
Current, “0,1”
0.5
µA
Loop Voltage
+7.5Vdc min, +26Vdc max, -40˚C to +85˚C
Load Resistance (maximum)
(Loop Voltage - 14) / (Loop Current)
Supply Voltage
+5VDC
±5%
Current
120mA
Sensitivity
±200ppm/%
Environmental
Operating Temp. Range
-40˚C to +85˚C
Storage Temp. Range
-40˚C to +85˚C
Relative Humidity
0 to 90% noncondensing
Emissions
EN50081-1, ISM Group 1, Class A (Radiated, Conducted)
Immunity
EN50082-1, ISM Group 1, Class A (ESD, RF, EFT)
Dimensions
2.28" x 2.26" x 0.60" (58mm x 57mm x 15mm)
NOTE:
(1) SCM5B33 and SCMPB01, 02, 03, 04, 05, 06, 07, XEV rating only. Backpanels obtained
from other sources may have lower ratings.
(2) For 1 to 25 seconds the max allowable transient current rating is
√2500 / (event time). For
less than 1 second, ANSI/IEEE C-37.90.1-1989 applies with a 0.05
Ω load. For greater than
25 seconds, the 10A rms continuous rating applies.
(3) At standard 60Hz factory calibration. Consult factory for calibration at other frequencies.
(4) For 10-100% rated span. Add an additional 0.25% error for 0-10% Span measurements.
Accuracy includes nonlinearity, hysteresis and repeatability but not source or external shunt
inaccuracy (if used).
MODEL
INPUT* (rms)
OUTPUT* (dc)
SCM5B33-01
0-100mV
0-5V
SCM5B33-02
0-1V
0-5V
SCM5B33-03
0-10V
0-5V
SCM5B33-04
0-150V
0-5V
SCM5B33-05
0-300V
0-5V
SCM5B33-06
0-1A
0-5V
SCM5B33-07
0-5A
0-5V
SCM5B33-01B
0-100mV
0-1mA
SCM5B33-02B
0-1V
0-1mA
SCM5B33-03B
0-10V
0-1mA
SCM5B33-04B
0-150V
0-1mA
SCM5B33-05B
0-300V
0-1mA
SCM5B33-06B
0-1A
0-1mA
SCM5B33-07B
0-5A
0-1mA
SCM5B33-01C
0-100mV
4-20mA
SCM5B33-02C
0-1V
4-20mA
SCM5B33-03C
0-10V
4-20mA
SCM5B33-04C
0-150V
4-20mA
SCM5B33-05C
0-300V
4-20mA
SCM5B33-06C
0-1A
4-20mA
SCM5B33-07C
0-5A
4-20mA
SCM5B33-01D
0-100mV
0-10V
SCM5B33-02D
0-1V
0-10V
SCM5B33-03D
0-10V
0-10V
SCM5B33-04D
0-150V
0-10V
SCM5B33-05D
0-300V
0-10V
SCM5B33-06D
0-1A
0-10V
SCM5B33-07D
0-5A
0-10V
SCM5B33-01E
0-100mV
0-20mA
SCM5B33-02E
0-1V
0-20mA
SCM5B33-03E
0-10V
0-20mA
SCM5B33-04E
0-150V
0-20mA
SCM5B33-05E
0-300V
0-20mA
SCM5B33-06E
0-1A
0-20mA
SCM5B33-07E
0-5A
0-20mA
* Modules can be ordered with other input/output ranges. Consult factory for
ordering details and specifications.
SPECIFICATIONS Typical at T
A = +25°C and +5V power.
Module
ORDERING INFORMATION
SCM5B33



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com