Electronic Components Datasheet Search
  English  ▼

X  

SC2612CMSTRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2612CMSTRT
Description  600kHz/200kHz Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2612CMSTRT Datasheet(HTML) 5 Page - Semtech Corporation

  SC2612CMSTRT Datasheet HTML 1Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 2Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 3Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 4Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 5Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 6Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 7Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 8Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2612A/C
Theory of Operation
The SC2612 is a step down DC/DC controller designed
for minimum cost and size without sacrificing accuracy
and protection. Overcurrent protection is implemented
by a simple undervoltage detection scheme and is dis-
abled until soft start has been completed to eliminate
false trips due to output capacitor charging. The SS/EN
pin is held low, as are the DH and DL pins, until the
undervoltage lockout points are exceeded. Once the VCC
and BST pins both rise above their undervoltage lockout
points, the SS capacitor begins to charge, controlling the
duty cycle of the switcher, and therefore slowly ramping
up the switcher output voltage. Once the SS capacitor is
charged, the current limit circuitry is enabled. If a short
circuit is applied , the output will be pulled down below
it’s trip point and shut down. The device may be restarted
by either cycling power, or momentarily pulling SS/EN low.
Component Selection
OUTPUT INDUCTOR
OUTPUT INDUCTOR
OUTPUT INDUCTOR
OUTPUT INDUCTOR
OUTPUT INDUCTOR - A good starting point for output
filter component selection is to choose an inductor value
that will give an inductor ripple current of approximately
20% of max. output current.
Inductor ripple current is given by:-
OSC
IN
O
O
RIPPLE
L
f
L
V
V
V
I
×
÷÷ø
ö
ççè
æ
-
×
=
1
So choose inductor value from:-
OSC
O
IN
O
O
f
I
V
V
V
L
×
÷÷ø
ö
ççè
æ
-
×
×
=
1
5
OUTPUT CAP
OUTPUT CAP
OUTPUT CAP
OUTPUT CAP
OUTPUT CAPAAAAACIT
CIT
CIT
CIT
CITOR(S)
OR(S)
OR(S)
OR(S)
OR(S) - The output capacitors should
be selected to meet output ripple and transient response
criteria. Output ripple voltage is caused by the inductor
ripple current flowing in the output capacitor’s ESR (There
is also a component due to the inductor ripple current
charging and discharging the output capacitor itself, but
this component is usually small and can often be ignored).
Given a maximum output voltage ripple requirement, ESR
is given by:-
OSC
IN
O
RIPPLE
O
ESR
f
L
V
V
V
V
R
×
÷÷ø
ö
ççè
æ
-
×
×
<
1
Output voltage transient excursions are a function of load
current transient levels, input and output voltages and
inductor and capacitor values.
Capacitance and R
ESR values to meet a required tran-
sient condition can be calculated from:-
release)
(load
transients
positive
for
V
V
and
n)
applicatio
(load
transients
negative
for
V
V
V
where
V
V
I
L
C
I
V
R
O
A
O
IN
A
A
T
T
T
T
ESR
=
-
=
×
×
×
>
<
2
2
values for positive and negative transients must be cal-
culated seperately and the worst case value chosen. For
Capacitor values, the calculated value should be doubled
to allow for duty cycle limitation and voltage drop issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com