Electronic Components Datasheet Search
  English  ▼

X  

SDT5100LP5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDT5100LP5
Description  TRENCH SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDT5100LP5 Datasheet(HTML) 1 Page - Diodes Incorporated

  SDT5100LP5 Datasheet HTML 1Page - Diodes Incorporated SDT5100LP5 Datasheet HTML 2Page - Diodes Incorporated SDT5100LP5 Datasheet HTML 3Page - Diodes Incorporated SDT5100LP5 Datasheet HTML 4Page - Diodes Incorporated SDT5100LP5 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SDT5100LP5
Document number: DS39446 Rev. 2 - 2
1 of 5
www.diodes.com
January 2017
© Diodes Incorporated
SDT5100LP5
5A
TRENCH SCHOTTKY BARRIER RECTIFIER
PowerDI5
Product Summary (@ TA = +25°C)
VRRM (V)
IO (A)
VF(MAX) (V)
IR(MAX) (µA)
100
5
0.82
4
Description and Applications
Packaged in the compact thermally efficient PowerDI
®
5 package, the
SDT5100LP5 provides very low VF and excellent reverse leakage
stability at high temperatures. It is ideal for use as a rectifier,
freewheel diode or blocking diode in:
DC-DC Converters
AC-DC Adaptors
Features and Benefits
Low Forward Voltage Drop
Excellent High Temperature Stability
Soft, Fast Switching Capability
+150°C Operating Junction Temperature
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: PowerDI5
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Weight: 0.093 grams (Approximate)
Ordering Information (Note 4)
Part Number
Reel Size (Inches)
Tape Width (mm)
Packaging
SDT5100LP5-7
7
16
1,500/Tape & Reel
SDT5100LP5-7D
7
12
1,500/Tape & Reel
SDT5100LP5-13
13
16
5,000/Tape & Reel
SDT5100LP5-13D
13
12
5,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
Top View
PowerDI5
Green
= Manufacturers’ Marking
D5100L = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 17 = 2017)
WW = Week Code (01 to 53)
K = Factory Designator
Pin 2
Pin 2
Pin 1
Pin 1
Pin 3
Pin 3
PowerDI is a registered trademark of Diodes Incorporated.


Similar Part No. - SDT5100LP5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDT5100D1 DIODES-SDT5100D1 Datasheet
420Kb / 5P
5A TRENCH SCHOTTKY RECTIFIER
Rev erse
SDT5100D1-13 DIODES-SDT5100D1-13 Datasheet
420Kb / 5P
5A TRENCH SCHOTTKY RECTIFIER
Rev erse
More results

Similar Description - SDT5100LP5

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPS3080 SECOS-SPS3080 Datasheet
160Kb / 2P
Trench Barrier Schottky Rectifier
SPS3080 SECOS-SPS3080_15 Datasheet
160Kb / 2P
Trench Barrier Schottky Rectifier
SRS3080 SECOS-SRS3080_15 Datasheet
183Kb / 2P
Trench Barrier Schottky Rectifier
logo
GOOD-ARK Electronics
SBRX1045CT GOOD-ARK-SBRX1045CT Datasheet
465Kb / 4P
Trench Schottky Barrier Rectifier
SBRX1060CT GOOD-ARK-SBRX1060CT Datasheet
465Kb / 4P
Trench Schottky Barrier Rectifier
SBRX1080CT GOOD-ARK-SBRX1080CT Datasheet
467Kb / 4P
Trench Schottky Barrier Rectifier
SBRX2060CT GOOD-ARK-SBRX2060CT Datasheet
311Kb / 4P
Trench Schottky Barrier Rectifier
SBRX20150CT GOOD-ARK-SBRX20150CT Datasheet
312Kb / 4P
Trench Schottky Barrier Rectifier
SBRX40100CT GOOD-ARK-SBRX40100CT Datasheet
405Kb / 4P
Trench Schottky Barrier Rectifier
HBRX40150CT GOOD-ARK-HBRX40150CT Datasheet
404Kb / 4P
Trench Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com