Electronic Components Datasheet Search
  English  ▼

X  

ZL2103 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ZL2103
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ZL2103 Datasheet HTML 11Page - Renesas Technology Corp ZL2103 Datasheet HTML 12Page - Renesas Technology Corp ZL2103 Datasheet HTML 13Page - Renesas Technology Corp ZL2103 Datasheet HTML 14Page - Renesas Technology Corp ZL2103 Datasheet HTML 15Page - Renesas Technology Corp ZL2103 Datasheet HTML 16Page - Renesas Technology Corp ZL2103 Datasheet HTML 17Page - Renesas Technology Corp ZL2103 Datasheet HTML 18Page - Renesas Technology Corp ZL2103 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 15 of 28
May 3, 2011
appropriate resistor value from Table 6. The value of this resistor
is measured upon start-up or Restore and will not change if the
resistor is varied after power has been applied to the ZL2103
(see Figure 14).
The soft-start delay and ramp times can also be set to custom
values via the I2C/SMBus interface. When the SS delay time is
set to 0ms, the device will begin its ramp-up after the internal
circuitry has initialized (~2ms). When the soft-start ramp period
is set to 0ms, the output will ramp up as quickly as the output
load capacitance and loop settings will allow. It is generally
recommended to set the soft-start ramp to a value greater than
500µs to prevent inadvertent fault conditions due to excessive
inrush current.
ZL
RSS
FIGURE 14. SS PIN RESISTOR CONNECTIONS
TABLE 6. DELAY AND RAMP CONFIGURATION
RSS
(k
)
DELAY
TIME
(ms)
RAMP
TIME
(ms)
UVLO
(V)
10
5
5
4.5
11
10
12.1
20
13.3
5
10
14.7
10
16.2
20
17.8
5
2
5.5
19.6
10
21.5
20
23.7
5
5
26.1
10
28.7
20
31.6
5
10
34.8
10
38.3
20
42.2
5
20
46.4
10
51.1
20
56.2
5
2
7.5
61.9
10
68.1
20
75
5
5
82.5
10
90.9
20
100
5
10
110
10
121
20
133
5
20
147
10
162
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com