Electronic Components Datasheet Search
  English  ▼

X  

ZL2103ALAF Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ZL2103ALAF
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103ALAF Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ZL2103ALAF Datasheet HTML 14Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 15Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 16Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 17Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 18Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 19Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 20Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 21Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 18 of 28
May 3, 2011
small output filter made possible by a higher switching frequency
and getting better power supply efficiency. Size can be decreased
by increasing the switching frequency at the expense of
efficiency. Cost can be minimized by using through-hole
inductors and capacitors; however these components are
physically large.
To start the design, select a frequency based on Table 11. This
frequency is a starting point and may be adjusted as the design
progresses.
INDUCTOR SELECTION
The output inductor selection process must include several
trade-offs. A high inductance value will result in a low ripple
current (Iopp), which will reduce output capacitance and produce
a low output ripple voltage, but may also compromise output
transient load performance. Therefore, a balance must be struck
between output ripple and optimal load transient performance. A
good starting point is to select the output inductor ripple equal to
the expected load transient step magnitude (Iostep):
Now the output inductance can be calculated using Equation 3,
where VINM is the maximum input voltage:
The average inductor current is equal to the maximum output
current. The peak inductor current (ILpk) is calculated using
Equation 4 where IOUT is the maximum output current:
Select an inductor rated for the average DC current with a peak
current rating above the peak current computed in Equation 4.
In overcurrent or short-circuit conditions, the inductor may have
currents greater than 2X the normal maximum rated output
current. It is desirable to use an inductor that still provides some
inductance to protect the load and the internal MOSFETs from
damaging currents in this situation.
Once an inductor is selected, the DCR and core losses in the
inductor are calculated. Use the DCR specified in the inductor
manufacturer’s data sheet.
ILrms is given by Equation 6:
where IOUT is the maximum output current. Next, calculate the
core loss of the selected inductor. Since this calculation is
specific to each inductor and manufacturer, refer to the chosen
inductor data sheet. Add the core loss and the DCR loss and
compare the total loss to the maximum power dissipation
recommendation in the inductor data sheet.
OUTPUT CAPACITOR SELECTION
Several trade-offs must also be considered when selecting an
output capacitor. Low ESR values are needed to have a small
output deviation during transient load steps (Vosag) and low
output voltage ripple (Vorip). However, capacitors with low ESR,
such as semi-stable (X5R and X7R) dielectric ceramic capacitors,
also have relatively low capacitance values. Many designs can
use a combination of high capacitance devices and low ESR
devices in parallel.
For high ripple currents, a low capacitance value can cause a
significant amount of output voltage ripple. Likewise, in high
transient load steps, a relatively large amount of capacitance is
needed to minimize the output voltage deviation while the
inductor current ramps up or down to the new steady state
output current value.
As a starting point, apportion one-half of the output ripple
voltage to the capacitor ESR and the other half to capacitance, as
shown in Equations 7 and 8:
Use these values to make an initial capacitor selection, using a
single capacitor or several capacitors in parallel.
After a capacitor has been selected, the resulting output voltage
ripple can be calculated using Equation 9:
Because each part of this equation was made to be less than or
equal to half of the allowed output ripple voltage, the Vorip should
be less than the desired maximum output ripple.
INPUT CAPACITOR
It is highly recommended that dedicated input capacitors be
used in any point-of-load design, even when the supply is
powered from a heavily filtered 5V or 12V “bulk” supply from an
off-line power supply. This is because of the high RMS ripple
current that is drawn by the buck converter topology. This ripple
(ICINrms) can be determined from Equation 10:
TABLE 11. CIRCUIT DESIGN CONSIDERATIONS
FREQUENCY RANGE
EFFICIENCY
CIRCUIT SIZE
200kHz to 400kHz
Highest
Larger
400kHz to 800kHz
Moderate
Smaller
800kHz to 1MHz
Lower
Smallest
ostep
opp
I
I
(EQ. 2)
opp
INM
OUT
OUT
OUT
I
fsw
V
V
V
L


1
(EQ. 3)
2
opp
OUT
Lpk
I
I
I
(EQ. 4)
2
Lrms
LDCR
I
DCR
P
(EQ. 5)

12
2
2
opp
OUT
Lrms
I
I
I
(EQ. 6)
2
8
orip
sw
opp
OUT
V
f
I
C
(EQ. 7)
opp
orip
I
V
ESR
2
(EQ. 8)
OUT
sw
opp
opp
orip
C
f
I
ESR
I
V
8
(EQ. 9)
)
1
(
D
D
I
I
OUT
CINrms
(EQ. 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com