Electronic Components Datasheet Search
  English  ▼

X  

ZL2103ALAFT Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ZL2103ALAFT
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103ALAFT Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ZL2103ALAFT Datasheet HTML 20Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 21Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 22Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 23Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 24Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 25Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 26Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 27Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 28 of 28
May 3, 2011
Package Outline Drawing
L36.6x6C
36 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 4/10
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
JEDEC reference drawing: MO-220VJJD.
7.
(
4. 10 )
( 5. 60 TYP )
(36X 0.25 )
( 36X 0.80 )
( 36 X 0 . 50 )
0 . 00 MIN.
0 . 05 MAX.
0 . 2 REF
C
MAX 1.00
5
0.10 C
0.08 C
C
(4X)
0.15
6
PIN 1
INDEX AREA
6.00
B
A
SEE DETAIL "X"
4 .10 ± 0.10
36X 0.60 ± 0.10
36X 0.25
C
0.10 M
A B
4
19
18
9
10
PIN #1
27
28
36X
1
36
0.50
6
4.0
4X
INDEX AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com