Electronic Components Datasheet Search
  English  ▼

X  

AOL1422 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOL1422
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOL1422 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOL1422 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOL1422 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOL1422 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOL1422 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOL1422 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOL1422 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOL1422
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
10
VGS(th)
1
1.7
3
V
ID(ON)
150
A
3
3.7
TJ=125°C
4.2
5.2
4.4
5.4
gFS
71
S
VSD
0.69
1
V
IS
85
A
Ciss
5450
6800
pF
Coss
760
pF
Crss
540
pF
Rg
1
1.5
Ω
Qg (10V)
84
112
nC
Qg (4.5V)
42
56
nC
Qgs
12
nC
Qgd
21
nC
tD(on)
13
ns
tr
9.8
ns
tD(off)
49
ns
tf
16
ns
trr
42
56
ns
Qrr
31
nC
150
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=10V, VDS=15V, ID=20A
m
Ω
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=0.75Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
Gate Drain Charge
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=4.5V, ID=20A
IS=1A,VGS=0V
VDS=5V, ID=20A
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=30V, VGS=0V
VDS=0V, VGS= ±16V
Zero Gate Voltage Drain Current
Gate-Body leakage current
µA
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
Body Diode Reverse Recovery Charge IF=20A, dI/dt=100A/µs
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=20A
Reverse Transfer Capacitance
IF=20A, dI/dt=100A/µs
A: The value of RθJA is measured with the device in a still air environment with T A =25°C. The power dissipation PDSM and current rating IDSM
are based on TJ(MAX)=150°C, using steady state junction-to-ambient thermal resistance.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature T J(MAX)=175°C.
D. The RθJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink,
assuming a maximum junction temperature of T J(MAX)=175°C. The SOA curve provides a single pulse rating.
G. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
H. The maximum current rating is limited by bond-wires.
* This device is guaranteed green after date code 8P11 (June 1
ST 2008)
Rev3: Jul 2008
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com