Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA196V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA196V1
Description  5 V / 1.2 A non-isolated flyback converter using VIPerPlus ??VIPer114LS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA196V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA196V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA196V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA196V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA196V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
September 2017
DocID030970 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA196V1
5 V / 1.2 A non-isolated flyback converter using VIPerPlus
–
VIPer114LS
Data brief
Features
Universal AC main input voltage range:
85VAC to 265VAC
Output voltage: 5 V
Output current: 1.2 A
Rated output power: 6 W
No load input power @230 VAC: < 10 mW
Active mode efficiency: > 78%
EMI: according to EN55022-Class-B
RoHS compliant
Description
The STEVAL-ISA196V1 evaluation board
implements a flyback converter (5 V / 1.2 A) wide
range mains developed for general purpose
applications.
The core of the application is the VIPer11, a new
off-line high voltage converter from the VIPerPlus
family.
The device is a high-voltage converter that
intelligently integrates an 800 V rugged power
MOSFET with PWM current-mode control.
The main characteristics of the evaluation board
are its single layer, small size and minimal BOM,
high efficiency and low standby consumption.


Similar Part No. - STEVAL-ISA196V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA190V1 STMICROELECTRONICS-STEVAL-ISA190V1 Datasheet
306Kb / 5P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F
04-May-2016
STEVAL-ISA192V1 STMICROELECTRONICS-STEVAL-ISA192V1 Datasheet
256Kb / 5P
7 W dual output flyback converter with standby managed by capacitive touch using VIPer0P and STM32L
16-Feb-2017
STEVAL-ISA193V1 STMICROELECTRONICS-STEVAL-ISA193V1 Datasheet
270Kb / 6P
15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
02-Aug-2016
STEVAL-ISA193V2 STMICROELECTRONICS-STEVAL-ISA193V2 Datasheet
4Mb / 6P
15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
12-Nov-2018
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
More results

Similar Description - STEVAL-ISA196V1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
XRAH-01H1A0 BEL-XRAH-01H1A0 Datasheet
167Kb / 7P
NON-ISOLATED DC/DC CONVERTER 4.5 V-32 V Input 1.2 V-3.3 V/1 A Output
XRAH-05BT50 BEL-XRAH-05BT50 Datasheet
134Kb / 6P
NON-ISOLATED DC/DC CONVERTER 5 V Input Vref/2 / 5 A Output
logo
Power Integrations, Inc...
DI-42 POWERINT-DI-42 Datasheet
43Kb / 2P
Non-isolated Flyback (Buck/Boost) Converter
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
Isolated Flyback Converter
09.Dec.2022 Rev.004
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com