Electronic Components Datasheet Search
  English  ▼

X  

ELR2 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # ELR2
Description  Electronic load relay, 1-phase, 2-channel, for intelligent control of ohmic and inductive loads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ELR2 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  ELR2 Datasheet HTML 1Page - PHOENIX CONTACT ELR2 Datasheet HTML 2Page - PHOENIX CONTACT ELR2 Datasheet HTML 3Page - PHOENIX CONTACT ELR2 Datasheet HTML 4Page - PHOENIX CONTACT ELR2 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/2298221
09/03/2014   Page 1 / 5
Power contactor - ELR 2/I-230/Z - 2298221
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Electronic load relay, 1-phase, 2-channel, for intelligent control of ohmic and inductive loads
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
754.3 GRM
Custom tariff number
85371099
Country of origin
Germany
Technical data
Dimensions
Width
62 mm
Height
84 mm
Depth
110 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 40 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Degree of protection
IP20
Input data
Input name
Device supply
Nominal supply voltage
24 V DC
Protective circuit
Protection against polarity reversal Polarity protection diode
Surge protection Suppressor diode
Operating voltage display
Yellow LED


Similar Part No. - ELR2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELR2223 EVERLIGHT-ELR2223 Datasheet
429Kb / 11P
7PIN DIP PHOTO POWER TRIAC PHOTOCOUPLER
Feb. 15 , 2017
More results

Similar Description - ELR2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2003LV TI1-ULN2003LV Datasheet
1Mb / 19P
7-Channel Relay and Inductive Load Sink Driver
ULN2003V12 TI1-ULN2003V12 Datasheet
1Mb / 18P
7-Channel Relay and Inductive Load Sink Driver
logo
STMicroelectronics
AN308 STMICROELECTRONICS-AN308 Datasheet
147Kb / 16P
TRIAC analog control circuits for inductive loads
16-Sep-2008
logo
Infineon Technologies A...
BTS409L1 INFINEON-BTS409L1_13 Datasheet
310Kb / 13P
Fast demagnetization of inductive loads
2013-10-10
BTS612N1 INFINEON-BTS612N1_13 Datasheet
423Kb / 14P
Fast demagnetization of inductive loads
2013-10-11
BTS621L1 INFINEON-BTS621L1_13 Datasheet
353Kb / 14P
Fast demagnetization of inductive loads
2013-10-11
logo
Diodes Incorporated
ULN2003F12 DIODES-ULN2003F12 Datasheet
448Kb / 8P
Multi-Channel Relay and Inductive Load Sink Driver
Rev 1
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
Rev 3
ULN2003V12 DIODES-ULN2003V12_17 Datasheet
432Kb / 8P
Multi-Channel Relay and Inductive Load Sink Driver
Rev 2
logo
PHOENIX CONTACT
5104778 PHOENIX-5104778 Datasheet
108Kb / 5P
Electronic Reversing-Load Relay for 3-Phase Networks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com