Electronic Components Datasheet Search
  English  ▼

X  

L1127 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L1127
Description  ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1127 Datasheet(HTML) 2 Page - Unisonic Technologies

  L1127 Datasheet HTML 1Page - Unisonic Technologies L1127 Datasheet HTML 2Page - Unisonic Technologies L1127 Datasheet HTML 3Page - Unisonic Technologies L1127 Datasheet HTML 4Page - Unisonic Technologies L1127 Datasheet HTML 5Page - Unisonic Technologies L1127 Datasheet HTML 6Page - Unisonic Technologies L1127 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
L1127/A/E
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
2 of 7
www.unisonic.com.tw
QW-R502-742.d
M ARK I N G I N FORM AT I ON
PACKAGE
MARKING
VOLTAGE CODE
SOT-25
(L1127)
SOT-25
(L1127A)
SOT-25
(L1127E)
10:1.0V
12:1.2V
15:1.5V
18:1.8V
25:2.5V
30:3.0V
33:3.3V
42:4.2V
4H: 4.75V
AD:ADJ
PI N CON FI GU RAT I ON
PI N DESCRI PT I ON
NO.
PIN NAME
I/O
DESCRIPTION
1
VIN
I
Power supply
2
GND
Ground
3
SHDN
I
Active low shutdown input.
NC
(L1127)
X
None connect
SET/ADJ
(L1127A)
I/O
Connect to an external resistor divider for Adj mode, Connect to GND for
Preset VOUT.
4
ERROR
(L1127E)
O
Opendrain output. Goes low when VOUT drops 10% below nominal value.
5
OUT
O
Regulator output.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com