Electronic Components Datasheet Search
  English  ▼

X  

LR18120 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LR18120
Description  2A LOW DROPOUT REGULATOR WITH ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18120 Datasheet(HTML) 7 Page - Unisonic Technologies

  LR18120 Datasheet HTML 1Page - Unisonic Technologies LR18120 Datasheet HTML 2Page - Unisonic Technologies LR18120 Datasheet HTML 3Page - Unisonic Technologies LR18120 Datasheet HTML 4Page - Unisonic Technologies LR18120 Datasheet HTML 5Page - Unisonic Technologies LR18120 Datasheet HTML 6Page - Unisonic Technologies LR18120 Datasheet HTML 7Page - Unisonic Technologies LR18120 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LR18120
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
7 of 8
www.unisonic.com.tw
QW-R502-305.K
T Y PI CAL CH ARACT ERI ST I CS(Cont .)
3
3.5
4
4.5
5
5.5
Input Voltage, VIN (v)
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
2.55
Output Voltage vs. Input Voltage
IO=0A
3
3.5
4
4.5
5
5.5
Input Voltage, VIN (v)
0.788
0.792
0.796
0.8
0.804
0.808
0.812
Reference Voltage vs. Input Voltage
0
0.5
1.5
2.5
3.5
1
3
2
0
1
23
45
0.5
1.5
2.5
3.5
4.5
PCB Top Copper Area (in
2)
Max. Power Dissipation vs.
PCB Top Copper Area
25
35
45
55
35
75
85
TAMB (°C)
0
0.5
1.5
2.5
3.5
1
3
2
Max. Power Dissipation vs.TAMB (still air)
A=5.0 in
2
A=4.5 in
2
A=4.0 in
2
A=3.5 in
2
A=3.0 in
2
A=2.5 in
2
A=2.0 in
2
A=1.5 in
2
A=1.0 in
2
A=0.5 in
2
Load Transient
VOUT
IOUT
VIN=3.3V,VOUT=2.5V,IOUT=0 to 2A
Stop
Short Circuit Current
Stop



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com