Electronic Components Datasheet Search
  English  ▼

X  

UAS16V Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UAS16V
Description  WIDE OPERATING VOLTAGE RANGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UAS16V Datasheet(HTML) 3 Page - Unisonic Technologies

  UAS16V Datasheet HTML 1Page - Unisonic Technologies UAS16V Datasheet HTML 2Page - Unisonic Technologies UAS16V Datasheet HTML 3Page - Unisonic Technologies UAS16V Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UAS16V
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R101-048.b
ABSOLU T E M AX I M U M RAT I N G
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VCC
80
V
Output Current
IO
0.055
A
SOT-23-3
0.300
W
Power Dissipation
TO-92
PD
0.625
W
Operating Temperature
TJ
-40 ~ +125
C
Storage Temperature
TSTG
-60 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT ERI ST I CS
(VCC=5.0V, TA=25C. All voltage referenced to GND unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VCC
Operating Voltage
20
80
V
VCC=40V
0.22
0.3
mA
Power Supply Current
ICC
VCC=80V
0.62
0.85
mA
VCC=40V, IOUT=1mA
16.9
17.4
18.9
V
VCC=40V, IOUT=10mA
16.8
17.3
18.8
V
VCC=80V, IOUT=1mA
17.0
17.5
18.0
V
VCC=80V, IOUT=10mA
17.0
17.5
18.0
V
Output Voltage
VOUT
VCC=80V, IOUT=30mA
16.9
17.4
18.9
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com