Electronic Components Datasheet Search
  English  ▼

X  

SC-20T Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # SC-20T
Description  SMD Quartz Crystal Unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SC-20T Datasheet(HTML) 1 Page - Seiko Instruments Inc

  SC-20T Datasheet HTML 1Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Quartz Crystal Unit
・Ultra thin type (0.35mm)
・Suitable for high density surface mounting
・Excellent shock and heat resistance
・Complete Pb-free
・Complies with EU RoHS directive
・A crystal resonator processed by high
 reliable photolithographic technology inside
Smart card, Wearable, Module,
Sub-clock function for a variety of Micro-
computer etc.
(Temperature: 25±2℃, DL;0.1μW)
Symbol
  Nominal Frequency
f_nom
  Frequency Tolerance
f_tol
Please specify
  Turnover Temperature
Ti
  Parabolic Coefficient
B
  Load Capacitance
CL
  Motional Resistance (ESR)
R1
  Absolute Max. Drive Level Dlmax.
  Drive Level
DL
  Shunt Capacitance
C0
  Frequency Ageing
f_age
+25±3℃, First Year
  Operating Temperature
T_use
  Storage Temperature
T_stg
Piece part basis
       Unit:mm
Remark: Please make sure that there is no pattern under SC-20T on the circuit board.
-40 +85℃
-55 +125℃
75kΩ max.
1.0μW max.
0.1μW typ.
1.
0pF typ.
Conditions Note
6pF 12.5pF
Item
Specifications
±3×10-6
32.768kHz
±20×10-6
+25±5℃
(-0.03
3±10%)×10-6/℃2
2.05±0.1
1.0
#1
#2
Features
SC-20T
Applications
Standard Specifications
Dimensions
Internal Lead Connections
水晶ランドパターン図
Recommended Soldering Pattern
単位 : mm
Unit : mm
Seiko Instruments Inc.
Quartz Crystal Sales Department
1-8, Nakase, Mihamaku, Chiba-shi, Chiba 261-8507, Japan
Tel : +81-43-211-1207 Fax : +81-43-211-8030
http : //www.sii.co.jp/en/quartz
/
#1
#2
0.7
1.5
#2
#1


Similar Part No. - SC-20T

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SC-20 COOPER-SC-20 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
logo
Eaton All Rights Reserv...
SC-20 EATON-SC-20 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Kemet Corporation
SC-20-01J-A KEMET-SC-20-01J-A Datasheet
1Mb / 20P
Common Mode SC Coils, SC-J Series, Terminal Base Type
SC-20-01J-A KEMET-SC-20-01J-A Datasheet
91Kb / 1P
KEMET, SC-J, AC Line Filters, Common Mode, 150 uH
SC-20-03J KEMET-SC-20-03J Datasheet
1Mb / 20P
Common Mode SC Coils, SC-J Series, Terminal Base Type
More results

Similar Description - SC-20T

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
SC-16S SII-SC-16S Datasheet
430Kb / 1P
SMD Quartz Crystal Unit
SC-20S SII-SC-20S Datasheet
304Kb / 1P
SMD Quartz Crystal Unit
SC-32A SII-SC-32A Datasheet
626Kb / 1P
SMD Quartz Crystal Unit
SC-32P SII-SC-32P Datasheet
624Kb / 1P
SMD Quartz Crystal Unit
SC-32S SII-SC-32S Datasheet
624Kb / 1P
SMD Quartz Crystal Unit
SSP-T7-F SII-SSP-T7-F Datasheet
591Kb / 1P
SMD Quartz Crystal Unit
SSP-T7-FL SII-SSP-T7-FL Datasheet
588Kb / 1P
SMD Quartz Crystal Unit
VT-120-F SII-VT-120-F Datasheet
351Kb / 1P
Quartz Crystal Unit
VT-200-F SII-VT-200-F Datasheet
503Kb / 1P
Quartz Crystal Unit
VT-200-FL SII-VT-200-FL Datasheet
428Kb / 1P
Quartz Crystal Unit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com