Electronic Components Datasheet Search
  English  ▼

X  

SSRX3930 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SSRX3930
Description  LOW POWER ISM BAND FM/FSK RECEIVER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSRX3930 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSRX3930 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSRX3930 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSRX3930 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSRX3930 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSRX3930 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSRX3930 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSRX3930 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.SiliconStandard.com
2 of 7
SSRX3930
Pin Descriptions
Number
Name
I/O
Description
1
VCC1
POWER
Supply DC bias for RF amplifier
2
RXIN
I
RF amplifier input
3
VSS1
GND
Ground for RF amplifier
4
LNAOUT
O
LNA output
5
VSS2
GND
Ground for 40dB IF limiting amplifier
6
MIXIN
I
RF input to RF Mixer
7
VSS3
GND
Ground for RF Mixer
8
MIXOUT
O
IF output from RF Mixer
9
IFIN
I
IF input (required 10nF DC blocking capacitor)
10
IFIN
I
Same as pin 9 except non-inverting node amplifier input
11
IF1DEC
I/O
DC feedback for 40dB limiting amplifier (required 100nF bypass capacitor)
12
IF1DEC
I/O
See pin 11
13
IF1OUT
O
IF output from the 40 dB limiting amplifier
14
VREFIF
O
DC voltage reference for the IF limiting amplifier (required 0.1
µF capacitor)
15
VSS5
GND
Ground for 60dB IF limiting amplifier
16
IF2 IN
I
Inverting input to the 60dB limiting amplifier (required 10nF DC blocking
capacitor)
17
IF2DEC
I/O
DC feedback node for the 60dB limiting amplifier (required 100nF bypass
capacitor)
18
IF2DEC
I/O
See pin 17
19
VCC3
POWER
Supply DC bias to the 60dB IF limiting amplifier
20
MUTE
I
Select FM, FSK, or mute at the FM OUT pin. (to Ground: FSK OUTPUT;
floating: FM OUTPUT; to Vcc: muting)
21
RSSI
O
Proportional DC voltage (0.5V~2.5V) output
22
FMOUT
O
Demodulated output
23
IF2OUT
O
IF output from the 60dB limiting strip
24
QUAD
I
FM demodulator input (not AC coupled)
25
RES
I/O
Supply DC voltage to VCO
26
RES
I/O
See pin 25
27
VCC2
POWER
Supply DC bias to the VCO, prescaler, and PLL
28
VSS4
GND
Ground shared by the VCO, prescaler, and PLL
29
DO
I/O
Output of the charge pump, and input to the VCO
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com