Electronic Components Datasheet Search
  English  ▼

X  

SSTX4915 Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SSTX4915
Description  LOW POWER ASK TRANSMITTER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SSTX4915 Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SSTX4915 Datasheet HTML 1Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 2Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 3Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 4Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 5Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 6Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 7Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 8Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 9Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.SiliconStandard.com
2 of 9
SSTX4915
Pin Descriptions
Rev.2.02 8/06/2003
Number
Name
Description
1OSCIN
This pin is connected directly to the base of the reference oscillator transistor. The
reference oscillator uses a modified Colpitts configuration.
2
OSCOUT
This pin is connected directly to the emitter of the reference oscillator transistor.
3
TXEN
Transmitter enable control (TXEN = low = power down mode;
TXEN = high = normal operation mode).
4
VSS
Ground connection for the transmit output amplifier.
5
TXOUT
Transmitter output. This pin is an open collector and requires a pull-up inductor for
bias/matching and a tapped capacitor for matching.
6
VSS1
Ground connection for the transmit driver amplifier.
7VCC1
Nominal supply voltage for the transmit driver amplifier.
8
MODIN
ASK modulation input. An external resistor R
MODIN to supply voltage is used to bias
the entire transmit amplifier chain through this pin.
9VCC2
Nominal supply voltage for the VCO and PLL circuitry.
10
VSS2
Ground connection for the PLL circuitry.
11
NC
No connection.
12
RES
Differential open collector VCO outputs.
13
RES
14
DO
Output of the charge pump. An R-C network from this pin to ground is used to
establish the PLL bandwidth.
15
LD
Lock detector output. This pin is used to set the threshold of the lock detect circuitry
which enables or disables the transmit amplifier. A shunt capacitor should be used to
set an R-C time constant with the on-chip series 1k
Ω resistor. The time constant
should be set to approximately 15 times the reference period.
16
SW
Prescaler modulus control input (SW = high = ÷ 64; SW = low = ÷ 128).
OSCIN
OSCOUT
TXEN
VSS
TXOUT
VSS1
VCC1
MODIN
SW
LD
DO
RES
RESB
VREFP
VSS2
VCC2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com