Electronic Components Datasheet Search
  English  ▼

X  

STE26N50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE26N50
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE26N50 Datasheet(HTML) 1 Page - STMicroelectronics

  STE26N50 Datasheet HTML 1Page - STMicroelectronics STE26N50 Datasheet HTML 2Page - STMicroelectronics STE26N50 Datasheet HTML 3Page - STMicroelectronics STE26N50 Datasheet HTML 4Page - STMicroelectronics STE26N50 Datasheet HTML 5Page - STMicroelectronics STE26N50 Datasheet HTML 6Page - STMicroelectronics STE26N50 Datasheet HTML 7Page - STMicroelectronics STE26N50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STE26N50
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTOR IN ISOTOP PACKAGE
s
HIGH CURRENT POWER MODULE
s
AVALANCHE RUGGED TECHNOLOGY
(SEE IRFP450 FOR RATING)
s
VERY LARGE SOA - LARGE PEAK POWER
CAPABILITY
s
EASY TO MOUNT
s
SAME CURRENT CAPABILITY FOR THE
TWO SOURCE TERMINALS
s
EXTREMELY LOW Rth JUNCTION TO CASE
s
VERY LOW DRAIN TO CASE CAPACITANCE
s
VERY LOW INTERNAL PARASITIC
INDUCTANCE (TYPICALLY < 5 nH)
s
ISOLATED PACKAGE UL RECOGNIZED
(FILE No E81743)
INDUSTRIAL APPLICATIONS:
s
SMPS & UPS
s
MOTOR CONTROL
s
WELDING EQUIPMENT
s
OUTPUT STAGE FOR PWM, ULTRASONIC
CIRCUITS
July 1993
TYPE
VDSS
R DS(on)
ID
STE26N50
500 V
< 0. 2
Ω
26 A
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-Source Volt age (VGS = 0)
500
V
VDG R
Drain-Gate Voltage (RGS =20 k
Ω)
500
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current (cont inuous) at T c =25
oC26
A
ID
Drain Current (cont inuous) at T c =100
oC17
A
IDM(
•)
Drain Current (pulsed)
104
A
Ptot
Total Dissipation at Tc =25
oC
300
W
Derating Factor
2.4
W/
oC
Tstg
St orage Temperat ure
-55 to 150
oC
Tj
Max. Operat ing Junction Temperature
150
oC
VISO
I nsulat ion Withstand Voltage (AC-RMS)
2500
V
(
•) Pulse width limited by safe operating area
3
2
1
4
INTERNAL SCHEMATIC DIAGRAM
ISOTOP
1/8


Similar Part No. - STE26N50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE26NA90 STMICROELECTRONICS-STE26NA90 Datasheet
92Kb / 8P
N - CHANNEL 900V - 0.25ohm- 26A - ISOTOP FAST POWER MOSFET
Oct-1998
More results

Similar Description - STE26N50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STE250N06 STMICROELECTRONICS-STE250N06 Datasheet
330Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
May-1995
STE36N50 STMICROELECTRONICS-STE36N50 Datasheet
250Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE36N50A STMICROELECTRONICS-STE36N50A Datasheet
160Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Sep-1994
STE100N20 STMICROELECTRONICS-STE100N20 Datasheet
156Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Jul-1993
STE150N10 STMICROELECTRONICS-STE150N10 Datasheet
157Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Jul-1993
STE180N05 STMICROELECTRONICS-STE180N05 Datasheet
159Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Jul-1993
STE38N60 STMICROELECTRONICS-STE38N60 Datasheet
263Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Jul-1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com