Electronic Components Datasheet Search
  English  ▼

X  

STT320 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STT320
Description  Thyristor-Thyristor Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STT320 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STT320 Datasheet HTML 1Page - List of Unclassifed Manufacturers STT320 Datasheet HTML 2Page - List of Unclassifed Manufacturers STT320 Datasheet HTML 3Page - List of Unclassifed Manufacturers STT320 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STT320
Thyristor-Thyristor Modules
Type
STT320GK08
STT320GK12
STT320GK14
STT320GK16
STT320GK18
VRRM
VDRM
V
800
1200
1400
1600
1800
VRSM
VDSM
V
900
1300
1500
1700
1900
Dimensions in mm (1mm=0.0394")
Symbol
Test Conditions
Maximum Ratings
Unit
TVJ=TVJM
TC=85
oC; 180o sine
500
320
A
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
9200
9800
8000
8600
A
ITSM, IFSM
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
420000
400000
320000
306000
A
2s
i
2dt
(di/dt)cr
100
500
A/us
(dv/dt)cr
TVJ=TVJM;
VDR=2/3VDRM
RGK=
; method 1 (linear voltage rise)
1000
V/us
PGM
TVJ=TVJM
tp=30us
IT=ITAVM
tp=500us
120
60
W
PGAV
20
W
ITRMS, IFRMS
ITAVM, IFAVM
oC
TVJ
TVJM
Tstg
-40...+140
140
-40...+125
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
3000
3600
V~
Md
Mounting torque (M5)
Terminal connection torque (M8)
_
2.5-5/22-44
12-15/106-132
Nm/lb.in.
Weight
320
g
TVJ=TVJM
repetitive, IT=960A
f=50Hz, tp=200us
VD=2/3VDRM
IG=1A
non repetitive, IT=320A
diG/dt=1A/us
VRGM
10
V
Typical including screws


Similar Part No. - STT320

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
Thyristor-Thyristor Modules
STT320GK08 SIRECTIFIER-STT320GK08 Datasheet
340Kb / 4P
Thyristor-Thyristor Modules
STT320GK08BT SIRECTIFIER-STT320GK08BT Datasheet
305Kb / 4P
Thyristor-Thyristor Modules
STT320GK12 SIRECTIFIER-STT320GK12 Datasheet
340Kb / 4P
Thyristor-Thyristor Modules
STT320GK12BT SIRECTIFIER-STT320GK12BT Datasheet
305Kb / 4P
Thyristor-Thyristor Modules
More results

Similar Description - STT320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
Thyristor-Thyristor Modules
STT100 SIRECTIFIER-STT100 Datasheet
915Kb / 4P
Thyristor-Thyristor Modules
STT27 SIRECTIFIER-STT27 Datasheet
591Kb / 4P
Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com