Electronic Components Datasheet Search
  English  ▼

X  

XF0656P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0656P
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0656P Datasheet(HTML) 1 Page - E-SWITCH

  XF0656P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LASOAU11JGRNGRN
1.5:1
11/1/2005
XF0656P
A
PH
1
1
1
1
F060610
LASOAU11
2
1
F051701
29MM RING FOR LA
3
1
F050416
50-004-16 6VDC LED GRN
4
1
F060212
29MM GRN LENS
Parts List
ITEM
QTY
PART NUMBER
DESCRIPTION
31.00 MIN
[1.220 in]
31.00 MIN
[1.220 in]
22.00
n
- 0.00
0.50
+
.866 - .000
.020
+
in
[]
28.50 `0.50
1.122 `.020 in
[]
A
15466
RELEASED FOR PRODUCTION
11/1/05
PH
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. RATING: 5 AMPS @ 250VAC UL, VDE APPROVED
6 AMPS @ 24VDC UL, VDE APPROVED
5. ELECTRIC LIFE: 25,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
6. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
7. OPERATING TEMP.: -25°C to 55°C
8. LAMP VOLTAGE: 6VDC LED
9.
DENOTES CRITICAL PARAMETER.
L
1
3
a
2
4
b (+)
SPDT
CONTACT CONFIGURATION
14.00
[.551 in]
4
2
1
3
n29.00
[1.142 in]


Similar Part No. - XF0656P

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0656P-CLXU1-4MS XFMRS-XF0656P-CLXU1-4MS Datasheet
72Kb / 2P
SIGLE PORT COMBO
XF0656P-CTGXU1-4MS XFMRS-XF0656P-CTGXU1-4MS Datasheet
123Kb / 2P
SINGLE PORT COMBO
XF0656P-CVXU1-2M XFMRS-XF0656P-CVXU1-2M Datasheet
123Kb / 2P
SINGLE PORT COMBO
More results

Similar Description - XF0656P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com