Electronic Components Datasheet Search
  English  ▼

X  

XF0713P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0713P
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0713P Datasheet(HTML) 1 Page - E-SWITCH

  XF0713P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LASOAV31HGRNGRN
1:1
3/6/2007
XF0713P
A
TN
1
1
RECOMMEND PANEL MOUNTING
Parts List
DESCRIPTION
PART NUMBER
QTY
ITEM
LASOAV11
F060606
1
1
25 MM GREEN LENS
F060202
1
2
29MM FLUSH MOUNT RETAINER
F051705
1
3
29MM FLUSH MOUNT BEZEL
F051704
1
4
GREEN 6VDC LED
F050416
1
5
30.00
[1.181 in]MIN.
30.00
[1.181 in]MIN.
25.50
n
- .00
.50
+
1.004 -.000
.020
+
in
[]
A
17064
RELEASED FOR PRODUCTION
3/6/07
TN
L
1
3
a
2
4
b (+)
SPDT
CONTACT CONFIGURATION
NOTES:
1. ALL DIMENSIONS IN MM [INCH].
2. GENERAL TOLERANCE: 0.0=
`0.4
0.00=
`0.25
3. TERM. NOS. FOR REF. ONLY.
4. RATING: 5A @250VAC
8A @125VAC
.2A @250VDC
6A @24VDC
5. INSULATION: 1,000 M
Ω ΜΙΝ.
6. DIELETRIC STRENGTH: 2000V FOR 1 MIN.
7. ELECTRICAL LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
8. OPERATING TEMP: -25C TO +55C
9. PANEL THICKNESS: 0.5MM TO 3.0MM
10. LED VOLTAGE: 6VDC GREEN
11.
DENOTES CRITICAL PARAMETER.
12. PACKAGE: BOX/10 PER
13. 2002/95/EC (ROHS) COMPLIANT
1
2
2.30
[.091 in]
4
3
36.50 `.50
1.437 `.020 in
[]
n29.00
[1.142 in]


Similar Part No. - XF0713P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0710P E-SWITCH-XF0710P Datasheet
54Kb / 1P
All Dimension In MM
XF0711P E-SWITCH-XF0711P Datasheet
124Kb / 1P
All Dimension In MM
XF0712P E-SWITCH-XF0712P Datasheet
135Kb / 1P
All Dimension In MM
XF0714P E-SWITCH-XF0714P Datasheet
113Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0715P E-SWITCH-XF0715P Datasheet
130Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - XF0713P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com