Electronic Components Datasheet Search
  English  ▼

X  

XF0741P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0741P
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0741P Datasheet(HTML) 1 Page - E-SWITCH

  XF0741P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parts List
DESCRIPTION
PART NUMBER
QTY
ITEM
LASOAU11 BODY
F060610
1
1
35MM FLUSH MOUNT BEZEL
F051706
1
2
35MM FLUSH MOUNT RETAINER
F051707
1
3
29MM BLUE LENS
F060211
1
4
INCAND, 14V AC/DC 80mA
F050404
1
5
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LASOAU31BBLU
1:1
11/19/2007
XF0741P
B
rc
1
1
1
3
2
40.2 1.00
1.58 .039 in
[
]
34.80
[1.37 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. TERM. NOS. FOR REF. ONLY.
4. RATING: 5A @250VAC
8A @125VAC
.2A @250VDC
6A @24VDC
5. INSULATION: 1,000 M
6. DIELETRIC STRENGTH: 2000V FOR 1 MIN.
7. SEALED TO IP65.
8. TRAVEL: 3.0MM FULL TRAVEL, 2.0MM LATCH
9. ELECTRICAL LIFE: >50,000 CYCLES
10. OPERATING TEMP: -25C TO +70C
11. PANEL THICKNESS: 0.5MM TO 3.0MM
12. LAMP VOLTAGE: INCANDESCANT, 14V AC/DC 80mA
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT
A
17855
REVISED AND REDRAWN
11/19/07
rc
35.00
[1.378 in]
35.00
[1.378 in]
30.50
[1.201 in]
L
SPDT
CONTACT CONFIGURATION
1
2
3
4
a
b(+)
RECOMMEND PANEL MOUNTING
4
MAX. 3mm
B
21842
change 40.5 dim. callout
5/5/2015
MW
5
2.30
[.091 in]


Similar Part No. - XF0741P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0740P E-SWITCH-XF0740P Datasheet
180Kb / 1P
All Dimension In MM
XF0742P E-SWITCH-XF0742P Datasheet
125Kb / 1P
All Dimension In MM
logo
XFMRS Inc.
XF0744-00U3 XFMRS-XF0744-00U3 Datasheet
73Kb / 1P
COMMON MODE CHOKE
logo
E-SWITCH
XF0745P E-SWITCH-XF0745P Datasheet
203Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0749P E-SWITCH-XF0749P Datasheet
132Kb / 1P
All Dimension In MM
More results

Similar Description - XF0741P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com