Electronic Components Datasheet Search
  English  ▼

X  

XF0749P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0749P
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0749P Datasheet(HTML) 1 Page - E-SWITCH

  XF0749P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LASEEV32HGRNGRN
1:1
5/15/2008
XF0749P
B
BLR
1
1
RECOMMEND PANEL MOUNTING
Parts List
DESCRIPTION
PART NUMBER
QTY
ITEM
LASEEV12
F060603
1
1
25 MM GREEN LENS
F060202
1
2
V3 FLUSH MOUNT RETAINER
F051705
1
3
V3 FLUSH MOUNT BEZEL
F051704
1
4
LED 6VDC GREEN
F050416
1
5
30.00
[1.181 in]
MIN.
30.00
[1.181 in]
MIN.
25.50
n
- .00
.50
+
1.004 - .000
.020
+
in
[
]
A
18094
RELEASE FOR PRODUCTION
5/15/08
BLR
L
1
3
1
3
a
2
4
2
4
b (+)
DPDT
CONTACT CONFIGURATION
NOTES:
1. ALL DIMENSIONS IN MM [INCH].
2. GENERAL TOLERANCE: 0.0=`0.4
0.00=`0.25
3. TERM. NOS. FOR REF. ONLY.
4. RATING: 5A @250VAC
8A @125VAC
0.2A @250VDC
6A @24VDC
5. INSULATION: 1,000 MΩ ΜΙΝ.
6. DIELETRIC STRENGTH: 2000V FOR 1 MIN.
7. SEALED TO IP65.
8. TRAVEL: 3.0MM FULL TRAVEL, 2.0MM LATCH
9. ELECTRICAL LIFE: >50,000 CYCLES
10. OPERATING TEMP: -25C TO +55C
11. PANEL THICKNESS: 0.5MM TO 3.0MM
12. LAMP VOLTAGE: LED 6V DC GREEN
13.
DENOTES CRITICAL PARAMETER.
14. PACKAGE: BOX/20 PCS PER.
15. 2002/95/EC (ROHS) COMPLIANT
1
2
3.00
[.118 in]
MAX.
2.30
[.091 in]
4
3
44.00
[1.732 in]
n29.00
[1.142 in]
B
B
21026
29.00 WAS 30.00
2/13/13
EBP


Similar Part No. - XF0749P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0740P E-SWITCH-XF0740P Datasheet
180Kb / 1P
All Dimension In MM
XF0741P E-SWITCH-XF0741P Datasheet
174Kb / 1P
All Dimension In MM
XF0742P E-SWITCH-XF0742P Datasheet
125Kb / 1P
All Dimension In MM
logo
XFMRS Inc.
XF0744-00U3 XFMRS-XF0744-00U3 Datasheet
73Kb / 1P
COMMON MODE CHOKE
logo
E-SWITCH
XF0745P E-SWITCH-XF0745P Datasheet
203Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - XF0749P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com