Electronic Components Datasheet Search
  English  ▼

X  

XF0765P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0765P
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0765P Datasheet(HTML) 1 Page - E-SWITCH

  XF0765P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LAKOAU11KGRNGRN
1:1
9/5/2008
XF0765P
A
BLR
1
1
RECOMMEND PANEL MOUNTING
Parts List
DESCRIPTION
PART NUMBER
QTY
ITEM
LAKOAU11
F060622
1
1
P16 PLASTIC TERM. PROTECTOR
F051601
1
2
29MM LA U1 NUT
F060250
1
3
29MM RING FOR LA SERIES
F051701
1
4
29MM GRN LENS OPAQUE
F060294
1
5
24VDC GRN LED
F050422
1
6
40.00 `.50
1.575 `.020 in
[
]
n29.00
[1.142 in]
28.00
[1.102 in]
1
3
b
a
4
2
31.00
[1.220 in]
31.00
[1.220 in] min.
22.00
n
- .00
.05
+
.866 - .000
.002
+
in
[
]
A
18236
RELEASED FOR PRODUCTION
9/5/08
BLR
NOTES:
1. ALL DIMENSIONS IN MM [INCH].
2. GENERAL TOLERANCE: 0.0=`0.4
0.00=`0.25
3. TERM. NOS. FOR REF. ONLY.
4. RATING: 5A @250VAC
8A @125VAC
.2A @250VDC
6A @24VDC
5. ELECTRIC LIFE: 25,000 MAKE-OR-BREAK
CYCLES AT FULL LOAD.
6. SEALED TO IP65
7. TRAVEL: 3.0MM FULL TRAVEL
8. OPERATING FORCE: 300 gf
9. INSULATION: 1,000 MΩ min.
10. DIELETRIC STRENGTH: 1,500V FOR 1 MIN
11. OPERATING TEMP: -25~C TO 55~C
12. LENS COLOR: GREEN
13. LAMP VOLTAGE: 24VDC LED (GREEN)
14. PACKAGE: BOX/20 PER
15. 2002/95/EC (ROHS) COMPLIANT
16.
DENOTES CRITICAL PARAMETER
L
1
2
3
4
a
b (+)
SPDT
CONTACT CONFIGURATION
4
2
1
3
5
6
24.00
[.945 in]
14.00
[.551 in]


Similar Part No. - XF0765P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0760P E-SWITCH-XF0760P Datasheet
115Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0761P E-SWITCH-XF0761P Datasheet
116Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
logo
XFMRS Inc.
XF0763-VCS XFMRS-XF0763-VCS Datasheet
40Kb / 1P
CURRENT SENSE TRANSFORMER
XF0766-VO XFMRS-XF0766-VO Datasheet
30Kb / 1P
TORODIAL FILTER INDUCTOR
logo
E-SWITCH
XF0766P E-SWITCH-XF0766P Datasheet
135Kb / 1P
All Dimension In MM
More results

Similar Description - XF0765P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com