Electronic Components Datasheet Search
  English  ▼

X  

PDU540 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDU540
Description  5A ULTRA-FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDU540 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDU540 Datasheet HTML 1Page - Diodes Incorporated PDU540 Datasheet HTML 2Page - Diodes Incorporated PDU540 Datasheet HTML 3Page - Diodes Incorporated PDU540 Datasheet HTML 4Page - Diodes Incorporated PDU540 Datasheet HTML 5Page - Diodes Incorporated PDU540 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PDU540
Document number: DS30759 Rev. 4 - 2
1 of 6
www.diodes.com
August 2016
© Diodes Incorporated
PDU540
5A ULTRA-FAST RECOVERY RECTIFIER
PowerDI
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF Max (V)
IR Max (μA)
400
5
1.185
10
Description
PDU540, a 5.0A Glass Passivated Ultra-Fast Recovery Rectifier in
our thermally efficient PowerDI5 package, offers ultra-fast recovery
time for high efficiency, high forward surge current for use in high
frequency inverters, freewheeling and polarity protection application.
Features and Benefits
Glass Passivated Die Construction
Ultra-Fast Recovery Time for High Efficiency
High Maximum Junction Temperature
For Use in High Frequency Inverters, Freewheeling and Polarity
Protection Applications
High Forward Surge Current Capability
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Haloge
n and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: PowerDI5
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.096 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
PDU540-13
Commercial
PowerDI5
5,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
U540 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last digit of year ex: 06 for 2006
WW = Week code 01 to 52
K = Factory Designator
YYWWK
U540
Green
PowerDI is a registered trademark of Diodes Incorporated.
U540 = Product Type Marking Code
= Manufacturer’s Code Marking
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 06 = 2006)
WW = Week Code (01 to 52)
K = Factory Designator


Similar Part No. - PDU540

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU540 DIODES-PDU540 Datasheet
143Kb / 4P
5A ULTRA-FAST RECOVERY RECTIFIER
DS30759 Rev. 2 - 2
PDU540-13 DIODES-PDU540-13 Datasheet
143Kb / 4P
5A ULTRA-FAST RECOVERY RECTIFIER
DS30759 Rev. 2 - 2
PDU540 DIODES-PDU540_15 Datasheet
128Kb / 4P
5A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
Rev erse
More results

Similar Description - PDU540

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU540 DIODES-PDU540 Datasheet
143Kb / 4P
5A ULTRA-FAST RECOVERY RECTIFIER
DS30759 Rev. 2 - 2
UF5A600D1 DIODES-UF5A600D1 Datasheet
87Kb / 4P
5A ULTRA-FAST RECTIFIER
DS32143 Rev. 3 - 2
logo
Frontier Electronics.
HER501 FRONTIER-HER501 Datasheet
129Kb / 2P
5A ULTRA FAST RECOVERY RECTIFIER
HER501-LFR FRONTIER-HER501-LFR Datasheet
129Kb / 2P
5A ULTRA FAST RECOVERY RECTIFIER
UF50-005 FRONTIER-UF50-005 Datasheet
130Kb / 2P
5A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
UF5A400D1 DIODES-UF5A400D1_15 Datasheet
181Kb / 5P
5A ULTRA-FAST RECTIFIER
Rev 4
PDU540 DIODES-PDU540_15 Datasheet
128Kb / 4P
5A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
Rev erse
logo
Frontier Electronics.
HER501G FRONTIER-HER501G Datasheet
972Kb / 2P
5A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
UF5GD1 DIODES-UF5GD1 Datasheet
376Kb / 5P
5A SURFACE MOUNT ULTRA-FAST RECOVERY RECTIFIER
Rev 5
UF5JD1 DIODES-UF5JD1 Datasheet
331Kb / 6P
5A SURFACE MOUNT ULTRA-FAST RECOVERY RECTIFIER
Rev 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com