Electronic Components Datasheet Search
  English  ▼

X  

SDT5H100LP5-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDT5H100LP5-7
Description  TRENCH SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDT5H100LP5-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  SDT5H100LP5-7 Datasheet HTML 1Page - Diodes Incorporated SDT5H100LP5-7 Datasheet HTML 2Page - Diodes Incorporated SDT5H100LP5-7 Datasheet HTML 3Page - Diodes Incorporated SDT5H100LP5-7 Datasheet HTML 4Page - Diodes Incorporated SDT5H100LP5-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PowerDI is a registered trademark of Diodes Incorporated.
SDT5H100LP5
Document number: DS39035 Rev. 1 - 2
2 of 5
www.diodes.com
July 2016
© Diodes Incorporated
SDT5H100LP5
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
100
V
Average Rectified Output Current
IO
5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
IFSM
150
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 6)
RθJA
88
°C/W
Typical Thermal Resistance Junction to Ambient (Note 7)
RθJA
18
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Notes:
6. FR-4 PCB, 2oz. Copper, minimum recommended pad layout per http://www.diodes.com/package-outlines.html.
7. Aluminum 2inch*2inch substrate PCB with 50mm x 50mm x 23mm Al heatsink.
8. Short duration pulse test used to minimize self-heating effect.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
—
—
—
—
0.55
0.48
—
—
—
—
0.66
0.61
V
IF = 3A, TJ = +25°C
IF = 3A, TJ = +125°C
IF = 5A, TJ = +25°C
IF = 5A, TJ = +125°C
Leakage Current (Note 8)
IR
—
—
—
—
3.5
4.5
µA
mA
VR = 100V , TJ = +25°C
VR = 100V , TJ = +125°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com