Electronic Components Datasheet Search
  English  ▼

X  

TMXT504 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMXT504
Description  SAW BANDPASS FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMXT504 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMXT504 Datasheet HTML 1Page - List of Unclassifed Manufacturers TMXT504 Datasheet HTML 2Page - List of Unclassifed Manufacturers TMXT504 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
May 9th, 2003
TMX T504
SAW BANDPASS FILTER – GSM EDGE – IF
Preliminary Specification (Rev -)
1
Operating Temperature range : [-10°C ; +85°C]
Electrical Parameters
Unit
Minimum
Typical
Maximum
Source Impedance (single ended)
Ω
-
50
-
Load Impedance (single)
Ω
-
50
-
Center Frequency fo
MHz
-
208
-
Template on the amplitude, reference is loss at fo
Bandwidth at –1 dB
MHz
0.8
7
-
From 10 to 180 MHz
dB
38
56
-
From 180 MHz to 194 MHz
dB
30
45
-
From 222 MHz to 236 MHz
dB
5
40
-
From 236 MHz to 450 MHz
dB
12
52
-
Insertion Loss in passband
dB
-
1.7
2.5
Variation in Insertion Loss
dB
-
0.15
± 1
Passband Group delay Variation
(1)
ns
-
6.6
30
Input and Output Return Losses in passband
dB
10
14
-
Package type & size
Length x Width
mm²
-
9.1 x 4.8
-
Height
mm
-
1.6
1.8
Pin Out
Input
10
Output
5
Input Return
2
Output return
7
Case Ground
1,3,6,8
To Be Grounded
1,2,3,4,6,7,8,9
Notes :
(1) Smoothing aperture < 50 kHz, averaging < 16 samples
MATCHING NETWORK FOR 50
Ω SINGLE / 50 Ω SINGLE CONFIGURATION
Input
50
Ω
Single Ended
10
2
5
7
GND
GND
Output
50
Ω
Single Ended


Similar Part No. - TMXT504

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXTA02 TEMEX-TMXTA02 Datasheet
281Kb / 5P
SAW Bandpass Filter - DVB-C - RF
TMXTA03 TEMEX-TMXTA03 Datasheet
257Kb / 5P
SAW Bandpass Filter - DVB-C - RF
TMXTA04 TEMEX-TMXTA04 Datasheet
254Kb / 5P
SAW Bandpass Filter - Remote Control - RF
More results

Similar Description - TMXT504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
SAW BANDPASS FILTER
logo
Integrated Technology F...
234351B ITF-234351B Datasheet
213Kb / 5P
SAW Bandpass Filter
2004-11-20
271101B ITF-271101B Datasheet
207Kb / 5P
SAW Bandpass Filter
2004-10-22
F2G12 ITF-F2G12 Datasheet
334Kb / 7P
SAW Bandpass Filter
2007-01-24
logo
Advanced Crystal Techno...
ACTF9357 ACT-ACTF9357 Datasheet
341Kb / 7P
SAW BANDPASS FILTER
ACTF9210 ACT-ACTF9210 Datasheet
494Kb / 7P
SAW BANDPASS FILTER
ACTF8042 ACT-ACTF8042 Datasheet
294Kb / 3P
SAW BANDPASS FILTER
ACTF4039 ACT-ACTF4039 Datasheet
196Kb / 2P
SAW BANDPASS FILTER
ACTF8058 ACT-ACTF8058 Datasheet
320Kb / 3P
SAW BANDPASS FILTER
ACTF2102 ACT-ACTF2102 Datasheet
761Kb / 4P
SAW BANDPASS FILTER
13-7-2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com