Electronic Components Datasheet Search
  English  ▼

X  

P070183 Datasheet(PDF) 1 Page - E-SWITCH

Part # P070183
Description  All DIMENSION IN MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P070183 Datasheet(HTML) 1 Page - E-SWITCH

  P070183 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SECTION A-A
SCALE 4 : 1
SECTION B-B
SCALE 4 : 1
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LC1BLK
4:1
4/21/2006
P070183
B
CT
1
1
AA
B
B
NOTES:
1. TOLERANCE: +0.1/-0.0
2. DENOTES CRITICAL PARAMETER
3. MATERIAL: NYLON 6/6
COLOR: BLACK
8.70
[.343 in]
7.70
[.303 in]
8.20
[.323 in]
n6.90
[.272 in]
1.35
[.053 in]
3.30
[.130 in]
1.35
[.053 in]
.35
[.014 in]
45.0°
8.34
[.328 in]
A
15982
NEW PART RELEASE
4/21/06
CT
1.00
[.039 in]
2.00
[.079 in]
NOTCH
1.00
[.039 in]
B
16458
ADDED NOTCH TO CAP
9/15/06
BO


Similar Part No. - P070183

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P070182 E-SWITCH-P070182 Datasheet
76Kb / 1P
All DIMENSION IN MM
P070189 E-SWITCH-P070189 Datasheet
48Kb / 1P
All DIMENSION IN MM
More results

Similar Description - P070183

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com