Electronic Components Datasheet Search
  English  ▼

X  

XF0791P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0791P
Description  ALL DIMENSIONS IN MM [INCH].
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0791P Datasheet(HTML) 1 Page - E-SWITCH

  XF0791P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LASOAV31KGRNGRN
1 : 1
3/31/2009
XF0791P
A
BLR
1
1
Parts List
DESCRIPTION
PART NUMBER
QTY
ITEM
LASOAV11 BODY
F060606
1
1
V3 FLUSH MOUNT BEZEL
F051704
1
2
V3 FLUSH MOUNT RETAINER
F051705
1
3
25MM GRN LENS OPAQUE
F060254
1
4
LED 24VDC GREEN
F050423
1
5
1
3
2
36.50 `.50
1.437 `.020 in
[]
NOTES:
1. ALL DIMENSIONS IN MM [INCH].
2. GENERAL TOLERANCE: 0.0=
`0.4
0.00=
`0.25
3. TERM. NOS. FOR REF. ONLY.
4. RATING: 5A @250VAC
8A @125VAC
.2A @250VDC
6A @24VDC
5. INSULATION: 1,000 M
Ω ΜΙΝ.
6. DIELETRIC STRENGTH: 2000V FOR 1 MIN.
7. SEALED TO IP65.
8. TRAVEL: 3.0MM FULL TRAVEL
9. ELECTRICAL LIFE: >50,000 CYCLES
10. OPERATING TEMP: -25C TO +55C
11. PANEL THICKNESS: 0.5MM TO 3.0MM
12. LAMP VOLTAGE: LED, 24VDC GREEN
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT
2.30
[.091 in]
A
18464
RELEASED FOR PRODUCTION
3/31/09
BLR
35.00
[1.378 in] MIN.
35.00
[1.378 in] MIN.
n30.50
[1.201 in]
RECOMMEND PANEL MOUNTING
4
n30.00
[1.181 in]
5
L
1
2
34
a
b (+)
SPDT
CONTACT CONFIGURATION
LENS COLOR:
GREEN


Similar Part No. - XF0791P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0790P E-SWITCH-XF0790P Datasheet
69Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0792P E-SWITCH-XF0792P Datasheet
113Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0793P E-SWITCH-XF0793P Datasheet
106Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0794P E-SWITCH-XF0794P Datasheet
117Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0796P E-SWITCH-XF0796P Datasheet
116Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - XF0791P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com