Electronic Components Datasheet Search
  English  ▼

X  

MMBT2222 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MMBT2222
Description  TRANSISTOR(NPN)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MMBT2222 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MMBT2222 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MMBT2222 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MMBT2222 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MMBT2222 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TRANSISTOR (NPN)

MARKING: 1P
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
200
mA
PC
Total Device Dissipation
200
mW
RθJA
ThermalResistanceFromJunction toAmbient
625
℃/W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55 ~ +150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 10μA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1mA, IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA, IC=0
6
V
Collector cut-off
current
ICBO
VCB=60V, IE=0
0.1
μA
Collector cut-off
current
ICEX
VCE=30V, VBE(off)=3V
50
nA
Emitter cut-off
current
IEBO
VEB=5V, IC=0
0.1
μA
hFE(1)
VCE=1V, IC=10mA
100
300
hFE(2)
VCE=1V, IC= 50mA
60
DC current gain
hFE(3)
VCE=1V, IC= 100mA
30
Collector-emitter saturation voltage
VCE(sat)
IC=50mA, IB= 5mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC= 50mA, IB= 5mA
0.95
V
Transition frequency
fT
VCE=20V, IC=10mA,
f=100MHz
300
MHz
Delay Time
td
35
nS
Rise Time
tr
VCC=3V, VBE=-0.5V
IC=10mA, IB1=-IB2=1.0mA
35
nS
Storage Time
ts
200
nS
Fall Time
tf
VCC=3V, IC=10mA,
IB1=-IB2=1mA
50
nS
1.BASE
SOT-23
2.EMITTER
3.COLLECTOR
MMBT2222
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MMBT2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT2222 PHILIPS-MMBT2222 Datasheet
47Kb / 8P
NPN switching transistor
2000 Apr 11
logo
Samsung semiconductor
MMBT2222 SAMSUNG-MMBT2222 Datasheet
67Kb / 2P
NPN (GENERAL PURPOSE TRANSISTOR)
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Weitron Technology
MMBT2222 WEITRON-MMBT2222 Datasheet
367Kb / 6P
NPN General Purpose Transistors
logo
Fairchild Semiconductor
MMBT2222 FAIRCHILD-MMBT2222 Datasheet
49Kb / 4P
NPN General Purpose Amplifier
More results

Similar Description - MMBT2222

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com