Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8337 Datasheet HTML 9Page - Analog Devices AD8337 Datasheet HTML 10Page - Analog Devices AD8337 Datasheet HTML 11Page - Analog Devices AD8337 Datasheet HTML 12Page - Analog Devices AD8337 Datasheet HTML 13Page - Analog Devices AD8337 Datasheet HTML 14Page - Analog Devices AD8337 Datasheet HTML 15Page - Analog Devices AD8337 Datasheet HTML 16Page - Analog Devices AD8337 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
AD8337
Rev. D | Page 13 of 28
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
–0.3 –0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
TIME (µs)
VOUT (V)
VIN (V)
VGAIN = 0.7V
Figure 39. Preamp Overdrive Recovery
(See Figure 55)
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
–0.3 –0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
TIME (µs)
VGAIN = 0.7V
VOUT (V)
VIN (V)
Figure 40. VGA Overdrive Recovery
(See Figure 56)
FREQUENCY (Hz)
–60
–50
–30
–20
100k
–40
1M
100M
10M
–10
–80
–70
0
10
VGAIN = +0.7V, VS = ±2.5V
VGAIN = +0.7V, VS = ±5V
VGAIN = 0V, VS = ±2.5V
VGAIN = 0V, VS = ±5V
VGAIN = –0.7V, VS = ±2.5V
VGAIN = –0.7V, VS = ±5V
Figure 41. PSRR vs. Frequency of Positive Supply
(See Figure 60)
FREQUENCY (Hz)
–60
–50
–30
–20
100k
–40
1M
100M
10M
–10
–80
–70
0
10
VGAIN = +0.7V, VS = ±2.5V
VGAIN = +0.7V, VS = ±5V
VGAIN = 0V, VS = ±2.5V
VGAIN = 0V, VS = ±5V
VGAIN = –0.7V, VS = ±2.5V
VGAIN = –0.7V, VS = ±5V
Figure 42. PSRR vs. Frequency of Negative Supply
(See Figure 60)
12
16
18
–10
24
22
–50
14
TEMPERATURE (°C)
–30
30
10
50
70
20
90
VS = ±5V
VS = ±2.5V
Figure 43. Quiescent Supply Current vs. Temperature
(See Figure 57)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com