Electronic Components Datasheet Search
  English  ▼

X  

ADL5331 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5331
Description  VGA with Gain Control Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5331 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5331 Datasheet HTML 7Page - Analog Devices ADL5331 Datasheet HTML 8Page - Analog Devices ADL5331 Datasheet HTML 9Page - Analog Devices ADL5331 Datasheet HTML 10Page - Analog Devices ADL5331 Datasheet HTML 11Page - Analog Devices ADL5331 Datasheet HTML 12Page - Analog Devices ADL5331 Datasheet HTML 13Page - Analog Devices ADL5331 Datasheet HTML 14Page - Analog Devices ADL5331 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ADL5331
Data Sheet
Rev. A | Page 14 of 15
EVALUATION BOARD SCHEMATIC
AGNDA
OPHIA
VPS2A
VPS2A
AGNDA
AGNDA
AGNDA
AGNDA
VPS1A
INHIA
VPS1A
AGNDA
VPS2A
AGNDA
AGNDA
SW1A
AGNDA
AGNDA
IPBSA
OPBSA
VS2A
7
8
9
10
11
12
25
13
14
15
16
17
18
1
2
3
6
4
5
19
20
21
22
23
24
VS1A
C13A
100pF
C10A
100pF
C7A
100pF
AGNDA
C8A
0.1µF
C9A
0.1µF
C16A
10nF
C11A
C12A
R12A
0Ω
RSA
0Ω
R16A
0Ω
R3A
1kΩ
R1A
0Ω
R17A
10kΩ
R2A
0Ω
AGNDA
C1A
100pF
AGNDA
C2
0.1µF
AGNDA
C17A
1000pF
R6A
0Ω
R4A
0Ω
R9A
0Ω
VS1A
L1A
0.68µH
L2A
0.68µH
T2A
C14A
0.1µF
C3A
0.1µF
C4A
100pF
1
3
4
2
5
C11A
10nF
C12A
10nF
T1A
1
3
4
2
5
GAINA
ENBLA
VPS1A
GNA
ENB_A
3
1
2
VPS1A
VPS1A
TESTLOOP
BLUE
TESTLOOP
RED
TESTLOOP
BLACK
VPS2A
VPS2A
GNDA
AGNDA
ENBLA
VPS1A
VPS2A
GAINA
IPBSA
OPBSA
VREFA
AGNDA
R14A
0Ω
P1A
1
P1A
2
P1A
3
P1A
4
P1A
5
P1A
6
P1A
7
P1A
8
VPS1
COM1
INHI
INLO
COM1
VPS1
VPS2
VS2A
COM2
OPHI
OPLO
COM2
VPS2
EPAD
Z1A
ADL5331
Figure 25. ADL5331 Single-Ended Input/Output Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com