Electronic Components Datasheet Search
  English  ▼

X  

ADRF6510 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6510
Description  Dual Programmable Filters Variable Gain Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6510 Datasheet HTML 8Page - Analog Devices ADRF6510 Datasheet HTML 9Page - Analog Devices ADRF6510 Datasheet HTML 10Page - Analog Devices ADRF6510 Datasheet HTML 11Page - Analog Devices ADRF6510 Datasheet HTML 12Page - Analog Devices ADRF6510 Datasheet HTML 13Page - Analog Devices ADRF6510 Datasheet HTML 14Page - Analog Devices ADRF6510 Datasheet HTML 15Page - Analog Devices ADRF6510 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADRF6510
Data Sheet
Rev. B | Page 12 of 32
60
55
50
45
40
35
30
25
20
15
10
0
5
10
15
20
25
30
35
40
45
50
GAIN (dB)
1MHz BW
2MHz BW
4MHz BW
6MHz BW
8MHz BW
30MHz BW
Figure 29. Noise Figure vs. Gain over Bandwidth Setting,
Preamp Gain = 12 dB (Noise Figure at 1/2 Bandwidth)
–100
–105
–110
–115
–120
–125
–130
–135
–5
0
5
10
15
20
25
30
35
40
45
GAIN (dB)
1MHz BW
2MHz BW
4MHz BW
6MHz BW
8MHz BW
30MHz BW
Figure 30. Output Noise Density vs. Gain by Bandwidth Setting,
Preamp Gain = 6 dB (Noise at 1/2 Bandwidth)
–100
–105
–110
–115
–120
–125
–130
–135
0
5
10
15
20
25
30
35
40
45
50
GAIN (dB)
1MHz BW
2MHz BW
4MHz BW
6MHz BW
8MHz BW
30MHz BW
Figure 31. Output Noise Density vs. Gain by Bandwidth Setting,
Preamp Gain = 12 dB (Noise at 1/2 Bandwidth)
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
–140
0.5
3.0
2.5
2.0
1.5
1.0
FREQUENCY (MHz)
GAIN = 0dB
GAIN = 20dB
GAIN = 40dB
Figure 32. Output Noise Density vs. Frequency (Bandwidth Setting = 1 MHz)
–110
–115
–120
–125
–130
–135
–140
10
30
18
20
22
24
26
28
16
14
12
FREQUENCY (MHz)
GAIN = 0dB
GAIN = 20dB
GAIN = 40dB
Figure 33. Output Noise Density vs. Frequency (Bandwidth Setting = 20 MHz)
–90
–140
–35
–30
–25
–20
–15
–10
BLOCKER LEVEL @ 150MHz (dBV rms)
GAIN = 40dB
GAIN = 20dB
GAIN = 0dB
–135
–130
–125
–120
–115
–110
–105
–100
–95
Figure 34. Output Noise Density vs. Blocker Level
(Bandwidth Setting = 30 MHz, Blocker at 150 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com