Electronic Components Datasheet Search
  English  ▼

X  

B270010 Datasheet(PDF) 1 Page - E-SWITCH

Part # B270010
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B270010 Datasheet(HTML) 1 Page - E-SWITCH

  B270010 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LP15R1WHTWHT-N
2 : 1
9/11/2017
B270010
A
MW
1
1
6
-
5
WHITE LED
CIRCUIT: SPST
OFF - (ON)
+
LED SPECS
LUMINOUS INTENSITY @ 20mA
FORWARD VOLTAGE @ 20mA
FORWARD CURRENT
4.0 MAX.
UNITS
2.8 MIN.
VDC
mA
mcd
400 TYP.
20
WHITE
4
2
1
3
6
5
PCB LAYOUT
A
22990
New Release
9/15/17
MW
12.00
[.472 in]
12.00
[.472 in]
1.50
[.06 in]
3.00
[.12 in]
10.00
[.394 in]
7.5
[.30 in]
.25
[.010 in]
5.00
[.197 in]
10.20
[.40 in]
1.00
[.039 in]
.50
[.020 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. RATING: 20VDC @ 1mA, 5VDC @ 5mA
4. CONTACT RESISTANCE: 200W MAX.
5. INSULATION RESISTANCE: 100MW MIN. @ 100VDC.
6. OPERATING FORCE: 125
35gf
7. TRAVEL: 1.25
0.3 mm
8. OPERATING TEMPERATURE: -40 C to 85 C
9. OPERATING LIFE: 1,000,000 CYCLES
10. LED: WHITE
11.
DENOTES CRITICAL PARAMETERS
12. 2011/65/EU (ROHS) COMPLIANT
13. CONTACT MATR'L: GOLD FLASH OVER NICKEL
1
3
2
4
6
5
1
2
5
5
6
2 4
2
4
3
1
WHITE CAP
with
WHITE LED
24.7
[.97 in]
1.00
[.039 in]
(2 PL)
10.20
[.402 in]
1.20
[.047 in]
Alignment
Post
1.30
[.051 in]
(4 PL)
10.00
[.394 in]
5.00
[.197 in]
5.00
[.197 in]
2.60
[.102 in]
10.00
[.394 in]
1.00
[.039 in]
(Alignment Post)


Similar Part No. - B270010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B270011 E-SWITCH-B270011 Datasheet
166Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B270010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com