Electronic Components Datasheet Search
  English  ▼

X  

REL-OR Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # REL-OR
Description  Plug-in octal relay with power contacts, specially designed for switching high DC loads, 1 N/O contact, detectable manual operation, status LED, blowout magnet, coil voltage: 24 V DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

REL-OR Datasheet(HTML) 2 Page - PHOENIX CONTACT

  REL-OR Datasheet HTML 1Page - PHOENIX CONTACT REL-OR Datasheet HTML 2Page - PHOENIX CONTACT REL-OR Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2901901
07/23/2018   Page 2 / 3
Single relay - REL-OR/LDP- 24DC/1/MB - 2901901
Technical data
Contact side
Contact type
1 N/O contact
Type of switch contact
Single contact
Note regarding the switch contact
Series connection, 2 N/O contacts with blowout magnet
Contact material
AgNi
Maximum switching voltage
250 V AC
220 V DC
Minimum switching voltage
10 V (at 10 mA)
Min. switching current
10 mA (at 10 V)
Maximum inrush current
30 A (20 ms)
Limiting continuous current
10 A
Interrupting rating (ohmic load) max.
2500 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
3.6 A (at 24 V, DC13)
3.6 A (at 110 V, DC13)
2 A (at 220 V, DC13)
6 A (at 24 V, AC15)
6 A (at 120 V, AC15)
6 A (at 250 V, AC15)
General
Test voltage relay winding/relay contact
2.5 kVrms (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
RT I
Mechanical service life
approx. 107 cycles
Mounting position
any
Assembly instructions
On relay base PR3
Standards and Regulations
Connection in acc. with standard
CUL
Standards/regulations
IEC 61810
EN 60947
Degree of pollution
3
Overvoltage category
III
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 5
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com