Electronic Components Datasheet Search
  English  ▼

X  

VD5012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VD5012
Description  ENCODER / DECODER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VD5012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VD5012 Datasheet HTML 1Page - List of Unclassifed Manufacturers VD5012 Datasheet HTML 2Page - List of Unclassifed Manufacturers VD5012 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ENCODER / DECODER 高工作電壓編碼 / 解碼器
VD5012/VD5013/VD5014
4.0 APPLICATION INFORMATION 應用資料
FOSC(VD5013) = 50FOSC(VD5012)
TYP. ROSC(VD5012) = 3MΩ
TYP. ROSC(VD5013) = 230KΩ
+VDD
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
GND
ROSC
V.T.
+VDD
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
‧
‧
‧
‧
‧
‧
‧
‧
RECEIVER
D3
D2
D1
D0
TRANSMITTER
‧
‧
‧
‧
‧
‧
ROSC
DATA IN
‧
‧
_____
TE
‧
‧
‧
‧
‧
‧
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com