Electronic Components Datasheet Search
  English  ▼

X  

VD5013 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VD5013
Description  ENCODER / DECODER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VD5013 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VD5013 Datasheet HTML 1Page - List of Unclassifed Manufacturers VD5013 Datasheet HTML 2Page - List of Unclassifed Manufacturers VD5013 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ENCODER / DECODER 高工作電壓編碼 / 解碼器
VD5012/VD5013/VD5014
FOSC(VD5014) = 50FOSC(VD5012)
TYP. ROSC(VD5012) = 3MΩ
TYP. ROSC(VD5014) = 230KΩ
+VDD
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
GND
ROSC
V.T.
+VDD
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
‧
‧
‧
‧
‧
‧
‧
‧
‧
‧
‧
‧
RECEIVER
TRANSMITTER
‧
‧
‧
‧
‧
‧
ROSC
‧
‧
_____
TE
‧
‧
‧
‧
‧
‧
GND
The IC substrate should be connected to VDD. 芯片襯底請接VDD。



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com