Electronic Components Datasheet Search
  English  ▼

X  

VD5014 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VD5014
Description  ENCODER / DECODER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VD5014 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VD5014 Datasheet HTML 1Page - List of Unclassifed Manufacturers VD5014 Datasheet HTML 2Page - List of Unclassifed Manufacturers VD5014 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ENCODER / DECODER 高工作電壓編碼 / 解碼器
VD5012/VD5013/VD5014
1.0 FEATURES
特點
Wide operating voltage (2 - 12V)
工作電壓 (2 - 12V)
Low standby current 1μA typical
靜態電流低, 典型 1μA
On-chip RC oscillator
芯片上置有振盪器
Four time transmission for error checking
4 次錯誤檢驗發送
4,096 combinations encoding capability
最多可有 4,096 種編碼能力
Minimum external components
外接零件少
Easy interface with RF, Ultrasonic or Infrared transmission media
容易與 RF, 超音波或紅外線
傳送媒體連接
2.0 ELECTRICAL CHARATERISTICS 電特性
VDD = 5V, TA = 25℃ (unless otherwise specified 特別註明除外)
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating Voltage 工作電壓
VDD
2
5
12
V
Standby Current 靜態電流
ISBY
-
1
10
µA
Operating Current 工作電流
IOP
-
1
-
mA
Source Current 來源電流 (VOH = 4.5V)
IOH
-1
-
-
mA
Sink Current 灌進電流 (VOL = 0.5V)
IOL
1
-
-
mA
Input Current 輸入電流
IIN (
____
TE )
-
-
25
µA
3.0 APPLICATION 應用
Security systems
保安系統
Theft alarm systems
防盜警告系統
Cordless telephone
無線電話
Smoke and fire alarm systems
煙火警告系統
Garage door controller
車房門控制器
Other remote control systems
其他搖控系統


Similar Part No. - VD5014

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
VD536 YIC-VD536 Datasheet
250Kb / 1P
VD Series : Programmable LVDS Voltage - Controlled Crystal Oscillators 10.000 ~ 1,500.000MHz
logo
STMicroelectronics
VD5377 STMICROELECTRONICS-VD5377 Datasheet
2Mb / 88P
Ultra-low power motion sensor for optical finger navigation (OFN)
07-Feb-2013
VD5377CB STMICROELECTRONICS-VD5377CB Datasheet
2Mb / 88P
Ultra-low power motion sensor for optical finger navigation (OFN)
07-Feb-2013
VD5377CBGP STMICROELECTRONICS-VD5377CBGP Datasheet
2Mb / 88P
Ultra-low power motion sensor for optical finger navigation (OFN)
07-Feb-2013
VD5377CBSW STMICROELECTRONICS-VD5377CBSW Datasheet
2Mb / 88P
Ultra-low power motion sensor for optical finger navigation (OFN)
07-Feb-2013
More results

Similar Description - VD5014

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
Encoder/Decoder
logo
Aeroflex Circuit Techno...
MT62901 AEROFLEX-MT62901 Datasheet
300Kb / 6P
ARINC629 ENCODER/DECODER
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
CTCSS ENCODER / DECODER
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
PROGRAMMABLE ENCODER/DECODER
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120_07 Datasheet
768Kb / 36P
Infrared Encoder/Decoder
2007
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
Encoder/Decoder
logo
UMC Corporation
UM3750 UMC-UM3750_1 Datasheet
140Kb / 5P
Programmable Encoder/Decoder
logo
Sitronix Technology Co....
ST3003 SITRONIX-ST3003 Datasheet
429Kb / 11P
Speech Decoder/Encoder
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
Audio Decoder/ Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com