Electronic Components Datasheet Search
  English  ▼

X  

2SCR586D3 Datasheet(PDF) 1 Page - Rohm

Part # 2SCR586D3
Description  NPN 5.0A 80V Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR586D3 Datasheet(HTML) 1 Page - Rohm

  2SCR586D3 Datasheet HTML 1Page - Rohm 2SCR586D3 Datasheet HTML 2Page - Rohm 2SCR586D3 Datasheet HTML 3Page - Rohm 2SCR586D3 Datasheet HTML 4Page - Rohm 2SCR586D3 Datasheet HTML 5Page - Rohm 2SCR586D3 Datasheet HTML 6Page - Rohm 2SCR586D3 Datasheet HTML 7Page - Rohm 2SCR586D3 Datasheet HTML 8Page - Rohm 2SCR586D3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2SCR586D3
NPN 5.0A 80V Power Transistor
Datasheet
l
lOutline
Parameter
Value
 
 
  DPAK
 
VCEO
80V
 
 
IC
5A
 
 
TO-252
 
l
lFeatures
l
lInner circuit
1) Suitable for Power Driver.
2) Complementary PNP Types : 2SAR586D3.
3) Low VCE(sat)
  VCE(sat)=300mV(Max.).
  (IC/IB=2A/100mA)
l
lApplication
LOW FREQUENCY AMPLIFIER
l
lPackaging specifications
Part No.
Package
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
2SCR586D3
TO-252
TL
330
16
2500
2SCR586D3
TL1
                                                                                         
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
1/7
20170830 - Rev.002


Similar Part No. - 2SCR586D3

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SCR586D3 DGNJDZ-2SCR586D3 Datasheet
2Mb / 7P
TO-252-2L Plastic-Encapsulate Transistors
logo
Rohm
2SCR586D3FRA ROHM-2SCR586D3FRA Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
More results

Similar Description - 2SCR586D3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
NPN 5.0A 30V Middle Power Transistor
2SAR586D ROHM-2SAR586D Datasheet
1Mb / 9P
PNP -5.0A -80V Middle Power Transistor
2SCR586D ROHM-2SCR586D Datasheet
1Mb / 9P
NPN 5.0A 80V Middle Power Transistor
2SAR586D3 ROHM-2SAR586D3 Datasheet
1Mb / 11P
PNP -5.0A -80V Power Transistor
2SCR572D3 ROHM-2SCR572D3 Datasheet
1Mb / 11P
NPN 5.0A 30V Power Transistor
2SCR574D3 ROHM-2SCR574D3 Datasheet
1Mb / 11P
NPN 2.0A 80V Power Transistor
2SAR586D3FRA ROHM-2SAR586D3FRA Datasheet
1Mb / 10P
PNP -5.0A -80V Power Transistor
2SCR572D3FRA ROHM-2SCR572D3FRA Datasheet
1Mb / 10P
NPN 5.0A 30V Power Transistor
2SCR586D3FRA ROHM-2SCR586D3FRA Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
2SCR586JFRG ROHM-2SCR586JFRG Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com