Electronic Components Datasheet Search
  English  ▼

X  

VM136 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VM136
Description  Potentia l Sepa ra tionAm plifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VM136 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VM136 Datasheet HTML 1Page - List of Unclassifed Manufacturers VM136 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.7
VM 130 ... VM 138
1.7
A T R Industrie-Elektronik GmbH & Co. KG
•Textilstraße 2 •D - 41751 Viersen
www.msr-elektronik.com
•Tel.: ++49 / 2162 / 485-0 •Fax: ++49 / 2162 / 485-100
5.4.2002
www.msr-elektronik.com
Potentia l-Trennvers tärk er
VM 130 - VM 138
Die Trennvers tä rk erreihe VM 130 -VM 138 a rbeitet na ch
dem
Prinzip der tra ns form a toris chen Potentia ltrennu ng .
Du rch die Bes tü cku ng
m it m oderns ten Bau elem enten
w ird eine s ehr gu te Tem pera tu r- u nd Nu llpu nk tk ons ta nz,
ein g ering er Linea ritä ts fehler u nd eine hohe Zu verläss ig -
k eiterreicht.
Die G erä te a rbeiten bipola r u nd w eis en eine Dreiw eg e-
Trennu ng der Potentia le zw is chenEinga ng , Au s g a ng u nd
Vers orgu ng au f.
Die Bau reihe u m fa ss t elf Typen. Sie erm ög lichen es
Norm s ig na le ga lva nis ch g etrennt zu
ü bertrag en bzw .
u m zu s etzen.
Typenü bers icht:
Potentia lSepa ra tionAm plifiers
VM 130 - VM 138
The s epa ra tion a m plifier s eries VM 130 -VM 138 opera tes
a ccording
to the principle of tra ns form a toric potentia l
s epa ra tion. Us ing m os t m odern elem ents res u lts in hig h
tem pera tu re a nd zero cons ta ncy, low linea rity error, a nd
hig h relia bility.
The devices w ork bipola rly a nd ha ve three-w a y s epa ra -
tionofthe potentia ls betw eeninpu t, ou tpu t, a nd s u pply.
The s eries com pris es eleven types a llow ing electrica l
ins u la tion tra ns m iss ion res pectively convers ion of s ta n-
da rd s ig na ls .
Type s u mm a ry:
* Der G erä tetyp VM 135 eig nets ich au ch zu rÜ bertra gu ng
von4...20 m A
⇒ 4 ...20 m A!
Zw eiSpindeltrimm erbietendie M ög lichk eitvonderG erä -
tefront au s die Vers tä rku ng u nd den Nu llpu nk t zu verä n-
dern.
Die G erä te s ind m onta g efreu ndlich au f Trag s chienen
TS35 a u fzu ra s ten.
* The type VM 135 is a ls o s u ita ble for tra ns m iss ion of
4...20 m A
⇒ 4...20 m A!
Tw o helica l trimm ers offer the poss ibility to a dju s t on the
fa ce ofthe hou s ing the a m plifica tiona nd the zero point.
The devices ca n be ea s ily s na p-m ou nted onto m ou nting
ra ils TS35.
Typ
Einga ng
Au s ga ng
Hilfs energ ie
Type
Inpu t
Ou tpu t
Au xilia ry energ y
VM 130
0 ...
±10 V
0 ...
±10 V
24 Vdc
VM 131
0 ...
±20 m A
0 ...
±10 V
24 Vdc
VM 132
4 ... 20 m A
0 ... 10 V
24 Vdc
VM 133
0 ...
±10 V
0 ...
±20 m A
24 Vdc
VM 134
0 ... 10 V
4 ... 20 m A
24 Vdc
VM 135
0 ...
±20 m A
0 ...
±20 m A
24 Vdc
VM 136
0 ... 20 m A
4 ... 20 m A
24 Vdc
VM 137
4 ... 20 m A
0 ... 20 m A
24 Vdc
VM 138/1
0 ...
±60 m V
0 ...
±10 V
24 Vdc
VM 138/2
0 ...
±60 m V
0 ...
±20 m A
24 Vdc
VM 138/3
0 ... 60 m V
4 ... 20 m A
24 Vdc


Similar Part No. - VM136

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VM134J ETC1-VM134J Datasheet
34Kb / 1P
R. F. Molded Chokes
More results

Similar Description - VM136

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-PC1504-030026-1 ASSMANN-A-PC1504-030026-1 Datasheet
906Kb / 1P
320C13-RA TO OPEN
A-PC1504-030027-1 ASSMANN-A-PC1504-030027-1 Datasheet
901Kb / 1P
320C13-RA TO OPEN
logo
FCI connector
75867-102LF FCI-CONNECTOR-75867-102LF Datasheet
158Kb / 2P
SHR.LP.HEADER RA DR TMT
71922-110LF FCI-CONNECTOR-71922-110LF Datasheet
164Kb / 2P
SHR.EL.HEADER RA DR TMT
logo
List of Unclassifed Man...
XXXCXXSXXN-M71RC ETC2-XXXCXXSXXN-M71RC Datasheet
188Kb / 1P
HEADER MALE .100ITCH, RA
logo
FCI connector
75867-103LF FCI-CONNECTOR-75867-103LF Datasheet
144Kb / 2P
SHR.LP.HEADER RA DR TMT
75867-106LF FCI-CONNECTOR-75867-106LF Datasheet
144Kb / 2P
SHR.LP.HEADER RA DR TMT
logo
Taoglas antenna solutio...
FXP14.09.0100A TAOGLAS-FXP14.09.0100A Datasheet
1Mb / 8P
MMCX(M) RA Connector
logo
Samtec, Inc
CAT-SEAF-20-01-RA SAMTEC-CAT-SEAF-20-01-RA Datasheet
445Kb / 2P
Samtec SEAM-RA/SEAF-RA Series - 8 and 10 Row Connectors
logo
Lorlin Electronics Ltd.
RAAAAAAAAAAAAA LORLIN-RAAAAAAAAAAAAA Datasheet
900Kb / 3P
RA ROTARY SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com